Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3100 Datasheet (PDF) - 3M Electronics

3100 Datasheet PDF - 3M Electronics
Part # 3100
Download  3100 Download
File Size   29.43 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Mining Cable Splice Kits,

3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
3100 Datasheet PDF - 3M Electronics

Part # 3100
Download  3100 Click to download

File Size   29.43 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Mining Cable Splice Kits,

3100 Datasheet (HTML) - 3M Electronics


3100 Product details

Description
3M™ Mining Cable Splice Kits, 3100 Series are used to splice flexible power cables (primarily mining types) rated from 600 Volts to 15 kV. The cable types which can be spliced using these kits, include flat and round W, G, W-GC, G-GC, SHD-GC, MPF, and MPF-GC. The tapes in the kits can be used to splice conductor sizes ranging from 6 AWG up to 1/0 kcmil (14 to 50 mm2). The instructions cover cable up to 500 kcmil (250 mm2); however, additional tapes will be needed. The Scotch® Heavy Duty Mining Tape 31 has excellent resistance to moisture and abrasion, along with its MSHA approved flame resistance. Each kit includes most of the tape materials necessary to make one complete splice. Additional materials may be needed for larger conductor sizes. All kit tapes are sold separately. In some cases, Scotch® Glass Cloth Electrical Tape 27 or 69 may be substituted for use over the connector. Check the kit instructions for this option. The splices can be used with standard Copper (Cu) in-line compression (crimp type) connector, and can be used for size transitions within the kit size range. They are designed to exceed minimum industry test standards for the kit’s designed voltage class. Kit Contents • Scotch® Heavy Duty Mining Tape 31 • Scotch® Linerless Rubber Splicing Tape 130C • 3M™ Temflex™ Vinyl Electrical Tape 1700P • Scotch® Rubber Mastic Tape 2228* • Scotch® Electrical Shielding Tape 24** • Scotch® Electrical Semi-Conducting Tape 13 • 3M™ Cable Cleaning Kit CC-2-Dry • Instruction Booklet * Not in 3100 or 3104 ** Not in 3100 Agency Approvals, Self Certifications The kits meet the MSHA requirements of Part 7, Subpart K of Title 30, Code of Federal Regulations (CFR). The Pennsylvania and MSHA approval number that will appear on the exterior of the mining tape is P-07-KA08005-MSHA. 32 Data Sheet August 2009




Similar Part No. - 3100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
3100 MICROCHIP-3100 Datasheet
1Mb / 2P
12 Gbps PCIe Gen3 SAS/SATA RAID Adapters
logo
Heyco.
3100 HEYCO-3100 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Adafruit Industries
3100 ADAFRUIT-3100 Datasheet
224Kb / 2P
Raspberry Pi NoIR Camera Board v2 - 8 Megapixels
logo
Tyco Electronics
3100-10P14999 MACOM-3100-10P14999 Datasheet
160Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
3100-10P18999 MACOM-3100-10P18999 Datasheet
160Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
More results


Similar Description - 3100

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
Elite Enterprises (H.K....
PG1N-MY57 ELITE-PG1N-MY57 Datasheet
331Kb / 3P
Mining Lamp Reflector
logo
3M Electronics
R3345 3M-R3345 Datasheet
135Kb / 6P
3M™ Repulpable Splice System R3345
Jun-2017
9977 3M-9977 Datasheet
141Kb / 6P
3M??Repulpable Double-Coated High Strength Flying Splice Tape
EC-3500 3M-EC-3500 Datasheet
27Kb / 4P
3M Scotch-WeldTM Core Splice Adhesive
SJ-1FB 3M-SJ-1FB Datasheet
76Kb / 4P
3M Cold Shrink Foldback Splice Jacket Kits
7600-3G 3M-7600-3G Datasheet
371Kb / 15P
3M?줓old Shrink QT-III Silicone Rubber Three-Conductor Cable Termination Kits
5300 3M-5300 Datasheet
85Kb / 4P
3M??Motor Lead Splicing Kits
82-F 3M-82-F Datasheet
89Kb / 3P
3M??Scotchcast??Flexible Power Cable Splicing Kits
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com