Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-3333 Datasheet (PDF) - OSRAM GmbH

LB-3333 Datasheet PDF - OSRAM GmbH
Part # LB-3333
Download  LB-3333 Download
File Size   471.71 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, micro diffused 3 mm (T1) package

LB-3333 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB-3333 Datasheet PDF - OSRAM GmbH

Part # LB-3333
Download  LB-3333 Click to download

File Size   471.71 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, micro diffused 3 mm (T1) package

LB-3333 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - LB-3333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
170 through 600 Amperes
logo
Rohm
LB-302DF ROHM-LB-302DF Datasheet
70Kb / 3P
High efficiency, two-digit numeric displays
More results


Similar Description - LB-3333

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS336K OSRAM-LS336K Datasheet
349Kb / 12P
colored, diffused 3 mm (T1) package
LS3366 OSRAM-LS3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
LS3386 OSRAM-LS3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
LU5351 OSRAM-LU5351 Datasheet
310Kb / 12P
colorless, diffused 5 mm package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-336K OSRAM-LS-336K Datasheet
349Kb / 12P
colored, diffused 3 mm (T1) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
colorless, micro diffused 3 mm (T1) package
LS-3386 OSRAM-LS-3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com