Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3366 Datasheet (PDF) - OSRAM GmbH

LS3366 Datasheet PDF - OSRAM GmbH
Part # LS3366
Download  LS3366 Download
File Size   324.56 Kbytes
Page   12 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colored, diffused 3 mm (T1) package

LS3366 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS3366 Datasheet PDF - OSRAM GmbH

Part # LS3366
Download  LS3366 Click to download

File Size   324.56 Kbytes
Page   12 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colored, diffused 3 mm (T1) package

LS3366 Datasheet (HTML) - OSRAM GmbH


LS3366 Product details

Features

• package: colored, diffused 3 mm (T1) package

• feature of the device: solder leads with stand-off

• wavelength: 633 nm (super-red), 615 nm (amber), 606 nm (orange), 587 nm (yellow)

• viewing angle: 70°

• technology: InGaAlP

• optical efficiency: 11 lm/W (yellow, orange, amber), 7 lm/W (super-red)

• grouping parameter: luminous intensity

• soldering methods: TTW soldering

• packing: bulk, available taped on reel

• ESD-withstand voltage: up to 2 kV acc. to EOS/ESD-5.1-1993



Applications

• coupling into light guides

• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)

• interior automotive lighting. (e.g. dashboard backlighting, etc.)

• marker lights (e.g. steps, exit ways, etc.)

• signal and symbol luminaire




Similar Part No. - LS3366

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3366-NR SIEMENS-LS3366-NR Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3366-P SIEMENS-LS3366-P Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3366-PS SIEMENS-LS3366-PS Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3366-Q SIEMENS-LS3366-Q Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
More results


Similar Description - LS3366

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
3 mm (T1) MULTILED, Diffused
logo
OSRAM GmbH
LS336K OSRAM-LS336K Datasheet
349Kb / 12P
colored, diffused 3 mm (T1) package
LS3386 OSRAM-LS3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
LB-3333 OSRAM-LB-3333 Datasheet
471Kb / 13P
colorless, micro diffused 3 mm (T1) package
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
LS-336K OSRAM-LS-336K Datasheet
349Kb / 12P
colored, diffused 3 mm (T1) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
colorless, micro diffused 3 mm (T1) package
LS-3386 OSRAM-LS-3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com