Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3127M Datasheet (PDF) - Renesas Technology Corp

CA3127M Datasheet PDF - Renesas Technology Corp
Part # CA3127M
Download  CA3127M Download
File Size   455.69 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Frequency NPN Transistor Array

CA3127M Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3127M Datasheet PDF - Renesas Technology Corp

Part # CA3127M
Download  CA3127M Click to download

File Size   455.69 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Frequency NPN Transistor Array

CA3127M Datasheet (HTML) - Renesas Technology Corp


CA3127M Product details

High Frequency NPN Transistor Array

The CA3127 consists of five general purpose silicon NPN transistors on a common monolithic substrate. Each of the completely isolated transistors exhibits low 1/f noise and a value of fT in excess of 1GHz, making the CA3127 useful from DC to 500MHz. Access is provided to each of the terminals for the individual transistors and a separate substrate connection has been provided for maximum application flexibility. The monolithic construction of the CA3127 provides close electrical and thermal matching of the five transistors.

Features
• Gain Bandwidth Product (fT) . . . . . . . . . . . . . . . . . >1GHz
• Power Gain . . . . . . . . . . . . . . . . . . 30dB (Typ) at 100MHz
• Noise Figure. . . . . . . . . . . . . . . . . 3.5dB (Typ) at 100MHz
• Five Independent Transistors on a Common Substrate
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• VHF Amplifiers
• Multifunction Combinations - RF/Mixer/Oscillator
• Sense Amplifiers
• Synchronous Detectors
• VHF Mixers
• IF Converter
• IF Amplifiers
• Synthesizers
• Cascade Amplifiers




Similar Part No. - CA3127M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3127M INTERSIL-CA3127M Datasheet
60Kb / 7P
High Frequency NPN Transistor Array
August 1996
CA3127M INTERSIL-CA3127M Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
CA3127M96 INTERSIL-CA3127M96 Datasheet
60Kb / 7P
High Frequency NPN Transistor Array
August 1996
CA3127MZ INTERSIL-CA3127MZ Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
More results


Similar Description - CA3127M

ManufacturerPart #DatasheetDescription
logo
NEC
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
NPN (HIGH FREQUENCY TRANSISTOR)
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
High Frequency NPN Transistor Array
August 1996
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
Ultra High Frequency Transistor Array
February 1995
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
Radiation Hardened Ultra High Frequency NPN Transistor Array
1999 08
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
HIGH FREQUENCY TRANSISTOR NPN
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com