Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3127 Datasheet (PDF) - Intersil Corporation

HFA3127 Datasheet PDF - Intersil Corporation
Part # HFA3127
Download  HFA3127 Download
File Size   57.7 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra High Frequency Transistor Arrays

HFA3127 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3127 Datasheet PDF - Intersil Corporation

Part # HFA3127
Download  HFA3127 Click to download

File Size   57.7 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra High Frequency Transistor Arrays

HFA3127 Datasheet (HTML) - Intersil Corporation


HFA3127 Product details

The HFA3046, HFA3096, HFA3127 and the HFA3128 are Ultra High Frequency Transistor Arrays that are fabricated from Intersil Corporation’s complementary bipolar UHF-1 process. Each array consists of five dielectrically isolated transistors on a common monolithic substrate. The NPN transistors exhibit a fT of 8GHz while the PNP transistors provide a fT of 5.5GHz. Both types exhibit low noise (3.5dB), making them ideal for high frequency amplifier and mixer applications.

Features
• NPN Transistor (fT) . . . . . . . . . . . . . . . . . . . . . . . . . 8GHz
• NPN Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . 130
• NPN Early Voltage (VA) . . . . . . . . . . . . . . . . . . . . . . . 50V
• PNP Transistor (fT). . . . . . . . . . . . . . . . . . . . . . . . . 5.5GHz
• PNP Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . . 60
• PNP Early Voltage (VA) . . . . . . . . . . . . . . . . . . . . . . . .20V
• Noise Figure (50Ω) at 1.0GHz . . . . . . . . . . . . . . . . . 3.5dB
• Collector to Collector Leakage . . . . . . . . . . . . . . . . . .<1pA
• Complete Isolation Between Transistors
• Pin Compatible with Industry Standard 3XXX Series
   Arrays
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• VHF/UHF Amplifiers
• VHF/UHF Mixers
• IF Converters
• Synchronous Detectors




Similar Part No. - HFA3127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
Ultra High Frequency Transistor Array
February 1995
HFA3127 INTERSIL-HFA3127 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
logo
Renesas Technology Corp
HFA3127 RENESAS-HFA3127 Datasheet
790Kb / 16P
Ultra High Frequency Transistor Arrays
Jan 24, 2019
logo
Intersil Corporation
HFA3127/883 INTERSIL-HFA3127/883 Datasheet
54Kb / 7P
Ultra High Frequency Transistor Array
February 1995
HFA3127B INTERSIL-HFA3127B Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
More results


Similar Description - HFA3127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3146 INTERSIL-CA3146 Datasheet
121Kb / 12P
High-Voltage Transistor Arrays
April 2000
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
Ultra High Frequency Transistor Array
February 1995
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
HFA3046 INTERSIL-HFA3046_05 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
November 12, 2009
logo
Rohm
DAN212KT146 ROHM-DAN212KT146 Datasheet
51Kb / 3P
Ultra high-speed switching diode arrays
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
Ultra High Frequency Transistor Arrays
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
Ultra High Frequency Transistor Arrays
Jan 24, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com