Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1110 Datasheet (PDF) - Renesas Technology Corp

HFA1110 Datasheet PDF - Renesas Technology Corp
Part # HFA1110
Download  HFA1110 Download
File Size   467.58 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 750MHz, Low Distortion Unity Gain, Closed Loop Buffer

HFA1110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1110 Datasheet PDF - Renesas Technology Corp

Part # HFA1110
Download  HFA1110 Click to download

File Size   467.58 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 750MHz, Low Distortion Unity Gain, Closed Loop Buffer

HFA1110 Datasheet (HTML) - Renesas Technology Corp


HFA1110 Product details

The HFA1110 is a unity gain closed loop buffer that achieves -3dB bandwidth of 750MHz, while offering excellent video performance and low distortion. Manufactured on Intersil’s proprietary complementary bipolar UHF-1 process, the HFA1110 also offers very fast slew rate, and high output current. It is one more example of Intersil’s intent to enhance its leadership position in products for high speed signal processing applications.
   
Features
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . . . . . . 750MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . . 1300V/μs
• Fast Settling Time (0.2%). . . . . . . . . . . . . . . . . . . . . . 7ns
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Fixed Gain of +1
• Gain Flatness (100MHz) . . . . . . . . . . . . . . . . . . . . 0.03dB
• Differential Phase. . . . . . . . . . . . . . . . . . . . . . . . . . 0.025°
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.04%
• 3rd Harmonic Distortion (50MHz). . . . . . . . . . . . . . -80dBc
• 3rd Order Intercept (100MHz) . . . . . . . . . . . . . . . . 30dBm
• Pb-Free Plus Anneal Available (RoHS Compliant)
   
Applications
• Video Switching and Routing
• RF/IF Processors
• Driving Flash A/D Converters
• High-Speed Communications
• Impedance Transformation
• Line Driving
• Radar Systems
   




Similar Part No. - HFA1110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
HFA1110 INTERSIL-HFA1110 Datasheet
184Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
June 6, 2006
HFA1110/883 INTERSIL-HFA1110/883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
HFA1110EVAL INTERSIL-HFA1110EVAL Datasheet
90Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
More results


Similar Description - HFA1110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
Low-Power, Wideband, Closed-Loop Buffer
logo
Analog Devices
AD9630 AD-AD9630 Datasheet
101Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV.B
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
logo
Gennum Corporation
GB4600 GENNUM-GB4600 Datasheet
137Kb / 4P
Monolithic Unity Gain Video Buffer
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110_06 Datasheet
184Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
June 6, 2006
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9630 AD-AD9630_15 Datasheet
115Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
logo
Texas Instruments
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com