Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9630 Datasheet (PDF) - Analog Devices

AD9630 Datasheet PDF - Analog Devices
Part # AD9630
Download  AD9630 Download
File Size   101.81 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion 750 MHz Closed-Loop Buffer Amp

AD9630 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9630 Datasheet PDF - Analog Devices

Part # AD9630
Download  AD9630 Click to download

File Size   101.81 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion 750 MHz Closed-Loop Buffer Amp

AD9630 Datasheet (HTML) - Analog Devices


AD9630 Product details

GENERAL DESCRIPTION
The AD9630 is a monolithic buffer amplifier that utilizes a patented, innovative, closed-loop design technique to achieve exceptional gain accuracy, wide bandwidth, and low distortion. Slew rate limiting has been overcome as indicated by the 1200 V/µs slew rate; this improvement allows the user greater flexibility in wideband and pulse applications. The second harmonic distortion terms for an analog input tone of 4.3 MHz and 20 MHz are –80 dBc and –66 dBc, respectively. Clearly, the AD9630 establishes a new standard by combining outstanding dc and dynamic performance in one part.

FEATURES
   Excellent Gain Accuracy: 0.99 V/V
   Wide Bandwidth: 750 MHz
   Slew Rate: 1200 V/μs
   Low Distortion
      –65 dBc @ 20 MHz
      –80 dBc @ 4.3 MHz
   Settling Time
   5 ns to 0.1%
   8 ns to 0.02%
   Low Noise: 2.4 nV/√Hz
   Improved Source for CLC-110

APPLICATIONS
   IF/Communications
   Impedance Transformations
   Drives Flash ADCs
   Line Driving




Similar Part No. - AD9630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9630 AD-AD9630 Datasheet
115Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630 AD-AD9630_15 Datasheet
115Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
More results


Similar Description - AD9630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
Low-Power, Wideband, Closed-Loop Buffer
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
Quad, Closed-Loop Monolithic Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110_06 Datasheet
184Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
June 6, 2006
logo
Analog Devices
AD9630 AD-AD9630_15 Datasheet
115Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com