Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080A Datasheet (PDF) - Renesas Technology Corp

HIP4080A Datasheet PDF - Renesas Technology Corp
Part # HIP4080A
Download  HIP4080A Download
File Size   829.3 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V/2.5A Peak, High Frequency Full Bridge FET Driver

HIP4080A Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4080A Datasheet PDF - Renesas Technology Corp

Part # HIP4080A
Download  HIP4080A Click to download

File Size   829.3 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V/2.5A Peak, High Frequency Full Bridge FET Driver

HIP4080A Datasheet (HTML) - Renesas Technology Corp


HIP4080A Product details

80V/2.5A Peak, High Frequency Full Bridge FET Driver

The HIP4080A is a high frequency, medium voltage Full Bridge N-Channel FET driver IC, available in 20 lead plastic SOIC and DIP packages. The HIP4080A includes an input comparator, used to facilitate the “hysteresis” and PWM modes of operation. Its HEN (high enable) lead can force current to freewheel in the bottom two external power MOSFETs, maintaining the upper power MOSFETs off. Since it can switch at frequencies up to 1MHz, the HIP4080A is well suited for driving Voice Coil Motors, switching power amplifiers and power supplies.

Features
• Drives N-Channel FET Full Bridge Including High Side Chop Capability
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load at 1MHz in Free Air at +50°C with Rise and Fall Times of Typically 10ns
• User-Programmable Dead Time
• Charge-Pump and Bootstrap Maintain Upper Bias Supplies
• DIS (Disable) Pin Pulls Gates Low
• Input Logic Thresholds Compatible with 5V to 15V Logic Levels
• Very Low Power Consumption
• Undervoltage Protection
• Pb-Free Available as an Option

Applications
• Medium/Large Voice Coil Motors
• Full Bridge Power Supplies
• Switching Power Amplifiers
• High Performance Motor Controls
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• U.P.S.




Similar Part No. - HIP4080A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4080A INTERSIL-HIP4080A Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4080A INTERSIL-HIP4080A Datasheet
722Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
888Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
Dec 11, 2019
logo
Intersil Corporation
HIP4080AIB INTERSIL-HIP4080AIB Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
More results


Similar Description - HIP4080A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
November 1996
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081A INTERSIL-HIP4081A Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIBT INTERSIL-HIP4081AIBT Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com