Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080 Datasheet (PDF) - Intersil Corporation

HIP4080 Datasheet PDF - Intersil Corporation
Part # HIP4080
Download  HIP4080 Download
File Size   764.78 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V/2.5A Peak, High Frequency Full Bridge FET Driver

HIP4080 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4080 Datasheet PDF - Intersil Corporation

Part # HIP4080
Download  HIP4080 Click to download

File Size   764.78 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V/2.5A Peak, High Frequency Full Bridge FET Driver

HIP4080 Datasheet (HTML) - Intersil Corporation


HIP4080 Product details

80V/2.5A Peak, High Frequency Full Bridge FET Driver

The HIP4080 is a high frequency, medium voltage Full Bridge N-Channel FET driver IC, available in 20 lead plastic SOIC and DIP packages. The HIP4080 includes an input comparator, used to facilitate the “hysteresis” and PWM modes of operation. Its HEN (high enable) lead can force current to freewheel in the bottom two external power MOSFETs, maintaining the upper power MOSFETs off. Since it can switch at frequencies up to 1MHz, the HIP4080 is well suited for driving Voice Coil Motors, switching power amplifiers and power supplies.

Features
• Drives N-Channel FET Full Bridge Including High Side Chop Capability
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load at 1MHz in Free Air at 50°C with Rise and Fall Times of 10ns (Typ)
• User-Programmable Dead Time
• Charge-Pump and Bootstrap Maintain Upper Bias Supplies
• DIS (Disable) Pin Pulls Gates Low
• Input Logic Thresholds Compatible with 5V to 15V Logic Levels
• Very Low Power Consumption

Applications
• Medium/Large Voice Coil Motors
• Full Bridge Power Supplies
• Switching Power Amplifiers
• High Performance Motor Controls
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• U.P.S.




Similar Part No. - HIP4080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080 INTERSIL-HIP4080 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080 RENESAS-HIP4080 Datasheet
1Mb / 21P
80V/2.5A Peak, High FrequencyFull Bridge FET Driver
February, 2003
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4080A INTERSIL-HIP4080A Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results


Similar Description - HIP4080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
November 1996
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081A INTERSIL-HIP4081A Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIBT INTERSIL-HIP4081AIBT Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com