Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080 Datasheet (PDF) - Renesas Technology Corp

HIP4080 Datasheet PDF - Renesas Technology Corp
Part # HIP4080
Download  HIP4080 Download
File Size   1083.21 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V/2.5A Peak, High FrequencyFull Bridge FET Driver

HIP4080 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4080 Datasheet PDF - Renesas Technology Corp

Part # HIP4080
Download  HIP4080 Click to download

File Size   1083.21 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V/2.5A Peak, High FrequencyFull Bridge FET Driver

HIP4080 Datasheet (HTML) - Renesas Technology Corp


HIP4080 Product details

Features
• Drives N-Channel FET Full Bridge Including High Side
Chop Capability
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load at 1MHz in Free Air at 50oC with Rise
and Fall Times of 10ns (Typ)
• User-Programmable Dead Time
• Charge-Pump and Bootstrap Maintain Upper Bias
Supplies
• DIS (Disable) Pin Pulls Gates Low
• Input Logic Thresholds Compatible with 5V to 15V Logic
Levels
• Very Low Power Consumption
Applications
• Medium/Large Voice Coil Motors
• Full Bridge Power Supplies
• Switching Power Amplifiers
• High Performance Motor Controls
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• U.P.S.




Similar Part No. - HIP4080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080 INTERSIL-HIP4080 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4080A INTERSIL-HIP4080A Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results


Similar Description - HIP4080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
November 1996
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081A INTERSIL-HIP4081A Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com