Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50415VIZ Datasheet (PDF) - Renesas Technology Corp

HSP50415VIZ Datasheet PDF - Renesas Technology Corp
Part # HSP50415VIZ
Download  HSP50415VIZ Download
File Size   1282.33 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wideband Programmable Modulator (WPM)

HSP50415VIZ Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50415VIZ Datasheet PDF - Renesas Technology Corp

Part # HSP50415VIZ
Download  HSP50415VIZ Click to download

File Size   1282.33 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wideband Programmable Modulator (WPM)

HSP50415VIZ Datasheet (HTML) - Renesas Technology Corp


HSP50415VIZ Product details

The HSP50415 Wideband Programmable Modulator (WPM) is a quadrature amplitude modulator/upconverter designed for wideband digital modulation. The WPM combines shaping and interpolation filters, a complex modulator, timing and carrier NCOs and dual DACs into a single package.

Features
• Output Sample Rates. . . . . . . . . . . . . . . . . . to 100MSPS
• Input Data Rates . . . . . . . . . . . . . . . . Up to 25MSPS (I/Q)
• 32-Bit Programmable Carrier NCO
• X/SIN(X) Rolloff Compensation
• Programmable I and Q Shaping FIR Filters:
    - Up to 24 Symbol Span
• Fixed or NCO Controlled Interpolation:
    - Interpolation Range . . . . . . . . . . . . . . . . . . . 4 to >128k
    - Digital PLL to Lock to Input Symbol Clock
• Digital Signal Processing Capable of >70dB SFDR
• Dual 12-bit D/A Processing Capable of >50dB SFDR
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Wide-Band Digital Modulation
• Base Station Modulators
• HSP50415EVAL1 Evaluation Board Available




Similar Part No. - HSP50415VIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50415VIZ INTERSIL-HSP50415VIZ Datasheet
876Kb / 29P
Wideband Programmable Modulator (WPM)
April 23, 2007
More results


Similar Description - HSP50415VIZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8822 PHILIPS-TDA8822 Datasheet
187Kb / 28P
Universal I2C-bus programmable RF modulator
1997 Jan 08
logo
Analog Devices
AD9853 AD-AD9853 Datasheet
335Kb / 31P
Programmable Digital OPSK/16-QAM Modulator
REV.C
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
Wideband Programmable Modulator (WPM)
2000 03
logo
Hittite Microwave Corpo...
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
Wideband Programmable Modulator (WPM)
April 23, 2007
logo
Hittite Microwave Corpo...
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
logo
Analog Devices
AD9853 AD-AD9853_15 Datasheet
334Kb / 31P
Programmable Digital QPSK/16-QAM Modulator
REV. C
logo
Intersil Corporation
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
Four-Channel Wideband Programmable
August 2004
logo
Analog Devices
HMC1097LP4E AD-HMC1097LP4E Datasheet
1Mb / 15P
WIDEBAND DIRECT QUADRATURE MODULATOR, 100 - 6000 MHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com