Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet (PDF) - Analog Devices

AD9853 Datasheet PDF - Analog Devices
Part # AD9853
Download  AD9853 Download
File Size   335.5 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Digital OPSK/16-QAM Modulator

AD9853 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9853 Datasheet PDF - Analog Devices

Part # AD9853
Download  AD9853 Click to download

File Size   335.5 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Digital OPSK/16-QAM Modulator

AD9853 Datasheet (HTML) - Analog Devices


AD9853 Product details

GENERAL DESCRIPTION
The AD9853 integrates a high speed direct-digital synthesizer (DDS), a high performance, high speed digital-to-analog converter (DAC), digital filters and other DSP functions onto a single chip, to form a complete and flexible digital modulator device. The AD9853 is intended to function as a modulator in network applications such as interactive HFC, WLAN and MMDS, where cost, size, power dissipation, functional integration and dynamic performance are critical attributes.

FEATURES
    Universal Low Cost Solution for HFC Network
    Return-Channel TX Function: 5 MHz–42 MHz/5 MHz–65 MHz
    165 MHz Internal Reference Clock Capability
    Includes Programmable Pulse-Shaping FIR Filters and Programmable Interpolating Filters
    FSK/QPSK/DQPSK/16-QAM/D16-QAM Modulation Formats
    6x Internal Reference Clock Multiplier
    Integrated Reed-Solomon FEC Function
    Programmable Randomizer/Preamble Function
    Supports Interoperable Cable Modem Standards
    Internal SINx/x Compensation
    >50 dB SFDR @ 42 MHz Output Frequency (Single Tone)
    Controlled Burst Mode Operation
    +3.3 V to +5 V Single Supply Operation
    Low Power: 750 mW @ Full Clock Speed (3.3 V Supply)
    Space Saving Surface Mount Packaging

APPLICATIONS
    HFC Data, Telephony and Video Modems
    Wireless LAN




Similar Part No. - AD9853

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9853 AD-AD9853_15 Datasheet
334Kb / 31P
Programmable Digital QPSK/16-QAM Modulator
REV. C
More results


Similar Description - AD9853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8822 PHILIPS-TDA8822 Datasheet
187Kb / 28P
Universal I2C-bus programmable RF modulator
1997 Jan 08
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
Wideband Programmable Modulator (WPM)
2000 03
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
Broadcom Corporation.
BCM3520 BOARDCOM-BCM3520_06 Datasheet
269Kb / 2P
ATSC/NTSC/QAM DIGITAL CABLE READY DTV RECEIVER
logo
Zoran Corporation
PM-1075 ZORAN-PM-1075 Datasheet
66Kb / 2P
Precision Digital Modulator
PM-1100 ZORAN-PM-1100 Datasheet
65Kb / 2P
Precision Digital Modulator/Synthesizer
PM-2060I ZORAN-PM-2060I Datasheet
67Kb / 2P
Precision Digital Modulator
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
Wideband Programmable Modulator (WPM)
April 23, 2007
logo
Analog Devices
AD9853 AD-AD9853_15 Datasheet
334Kb / 31P
Programmable Digital QPSK/16-QAM Modulator
REV. C
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
Wideband Programmable Modulator (WPM)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com