Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9853
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 5 Page - Analog Devices

  AD9853 Datasheet HTML 1Page - Analog Devices AD9853 Datasheet HTML 2Page - Analog Devices AD9853 Datasheet HTML 3Page - Analog Devices AD9853 Datasheet HTML 4Page - Analog Devices AD9853 Datasheet HTML 5Page - Analog Devices AD9853 Datasheet HTML 6Page - Analog Devices AD9853 Datasheet HTML 7Page - Analog Devices AD9853 Datasheet HTML 8Page - Analog Devices AD9853 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AD9853
–5–
REV. C
Table I. Modulator Function Description
Modulation Encoding Format
FSK*, QPSK, DQPSK, 16-QAM, D16-QAM, Selectable via Control Bus
Output Carrier Frequency Range
DC – 63 MHz with +3.3 V Supply Voltage
DC – 84 MHz with +5 V Supply Voltage
Serial Input Data Rate
Evenly Divisible Fraction of Reference Clock
Pulse-Shaping FIR Filter
41 Tap, Linear Phase, 10-Bit Coefficients Fully Programmable via Control Bus
Interpolation Range
Interpolation Rate = (4/M)
× (ICIC1) × (ICIC2) where: M = 2 for QPSK, M = 4 for 16-QAM
Minimum and Maximum Rates
Minimum Interpolation Rate—QPSK = 2
× 3 × 2 = 12
16-QAM = 1
× 4 × 3 = 12
Maximum Interpolation Rate—QPSK = 2
× 31 × 63 = 3906
16-QAM = 1
× 31 × 63 = 1953
These are the minimum and maximum interpolation ratios from the input data rate to the
system clock. The interpolation range is a function of the fixed interpolation factor of four
in the FIR filters, the programmed CIC filter interpolation rates (ICIC1, ICIC2), as well
as system timing constraints.
Maximum Reference Clock Frequency
+3.3 V Supply: 21 MHz with 6
× REFCLK enabled, 126 MHz with 6× REFCLK disabled
+5 V Supply: 28 MHz with 6
× REFCLK enabled, 168 MHz with 6× REFCLK disabled
6
× REFCLK
Fixed 6
× reference clock multiplier, enable/disable control via control bus
R-S FEC
Enable/disable via control bus and dedicated control pin. Control pin enable/disable function:
Logic “1” = Enable
Logic “0” = Disable
Primitive Polynomial: p(x) = x8 + x4 + x3 + x2 + 1
Code Generator Polynomial: g(x) = (x +
α0)(x + α1)(x + α2) . . . (x + α2t –1)
Selectable via Control Bus
t = 0–10 (Programmable)
Codeword Length (N) = 255 max (Programmable)
N = K + 2 t (K Range = 16
≤ K ≤ 255 – 2 t)
FEC/Randomizer can be transposed in signal chain via control bus.
I/Q Channel Spectrum
I
× COS + Q × SIN (default) or I × COS – Q × SIN, selectable via control bus.
Preamble Insertion
0–96 Bits, Programmable Length and Content
Randomizer
Enable/Disable Control via Control Bus
Generating Polynomial:
x
6 + x5 + 1, Programmable Seed (Davic/DVB-Compliant)
or
x15 + x14 + 1, Programmable Seed (DOCSIS-Compliant)
Randomizer and FEC blocks can be transposed in signal chain, via control bus.
*In FSK mode, F0:F1 are direct DDS Cosine output. The two interpolator stages of the AD9853 are not used in the FSK mode and should be programmed for
maximum interpolation rates to reduce unnecessary current consumption. This means that Interpolator #1 should be set to a decimal value of 31, and Interpolator
#2 should be set to decimal value of 63. This is easily accomplished by programming Registers 12 and 13 (hex) with the values of FF (hex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com