Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9853
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9853 Datasheet HTML 14Page - Analog Devices AD9853 Datasheet HTML 15Page - Analog Devices AD9853 Datasheet HTML 16Page - Analog Devices AD9853 Datasheet HTML 17Page - Analog Devices AD9853 Datasheet HTML 18Page - Analog Devices AD9853 Datasheet HTML 19Page - Analog Devices AD9853 Datasheet HTML 20Page - Analog Devices AD9853 Datasheet HTML 21Page - Analog Devices AD9853 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AD9853
–18–
REV. C
SQUARE-ROOT RAISED COSINE (SRRC) FIR FILTER
COMPUTE AND PLOT SRRC FILTER COEFFICIENTS:
...MAP THE FILTER TAP INDEX TO TIME DOMAIN (CENTERED AT T=0)
...INVERSE FOURIER INTEGRAL COMPUTE SRRC IMPULSE RESPONSE (TIME DOMAIN) FROM
THE SRRC FREQUENCY RESPONSE (FREQUENCY DOMAIN). THE COS() FUNCTION REPLACES
THE NORMAL COMPLEX EXPONENTIAL BECAUSE WE ARE RESTRICTED TO REAL
FILTER COEFFICIENTS.
...SRRC FILTER COEFFICIENTS INTEGERIZED AND SCALED
...FIR FILTER
COEFFICIENTS
COMPUTE AND PLOT SRRC FREQUENCY RESPONSE:
...DEFINE NUMBER OF FREQUENCY POINTS AND FREQUENCY STEP SIZE (FOR PLOTTING PURPOSES)
...CREATE VECTOR OF UNIFORMLY SPACED FREQUENCY POINTS {fmax = 0.5; A REQUIREMENT OF THE GAIN() FUNCTION},
...NORMALIZED FREQUENCY RESPONSE
...EXCESS BANDWIDTH FACTOR FOR SRRC FREQUENCY RESPONSE
...BANDWIDTH OF SRRC FILTER (RELATIVE TO SYMBOL RATE)
...PROCESSING GAIN OF CIC FILTERS (USED TO CORRELATE RESULTS WITH AD9853 EVAL. BD.)
...SETS MAX VALUE OF SRRC FILTER BASED ON FINITE WORD SIZE
...NUMBER OF FIR PULSE SHAPING FILTER TAPS
...UPSAMPLING RATIO OF FIR PULSE SHAPING FILTER (RELATIVE TO THE SYMBOL RATE)
...RETURNS 1 IF a <= x <= b, 0 OTHERWISE
...RETURNS NEAREST INTEGER TO x
...RATIO TO DECIBEL CONVERSION FUNCTION
...SRRC FREQUENCY RESPONSE FUNCTION
(f IS RELATIVE TO THE SYMBOL RATE)
500
0
10
5
0
1520
2530
35
40
TAP
SRRC IMPULSE RESPONSE
FREQUENCY SCALE – fn
0
0
–20
–40
–60
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY SCALED TO SYMBOL RATE
SRRC NORMALIZED FREQUENCY RESPONSE
0
1
2
3
4
5
6
7
8
9
10111213
14
15
16
17
18
19
20
hT =
0
0
3
2
–2
–5
–2
5
7
1
–7
–7
7
19
7
–34 –71 –48
71
260 438 511
tap := 0..TAPS – 1
ttap :=
1
FreqScale
tap –
TAPS – 1
2
.
BW
0
h(t) :=
htap := h(ttap) h := INT
h SCALEPROC GAIN
max(h)
.
0.5
freq_pts – 1
f :=
freq_pts := 250
n := 0..freq_pts – 1
fn := f n
.
K := (| gain(h,0) |)–1 Hn := K | gain (h,fn) |
.
GLOBAL DECLARATIONS
CONSTANTS:
0.5
PROC_GAIN
1
BW
0.5 (1 +
)
.
SCALE
511
TAPS
41
FreqScale
4
FUNCTIONS:
InRange (x,a,b)
(x
a) . (x
b)
INT(x)
floor (x + 0.5)
dB(x)
if (| x | = 0, 200, 20 log (| x |))
.
SRRC(f)
passband
0.5 (1 –
)
.
stopband
0.5 (1 +
)
if InRange (f, 0, stopband)
1 if InRange (f, 0, passband)
cos
4 .
.
.
(2 f +
– 1) if InRange (f, passband, stopband)
0 otherwise
SRRC(f) cos(2
f t)df
..
.
.
Figure 33. Mathcad Simulation of a 41-Tap SRRC Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com