Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9853
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9853 Datasheet HTML 23Page - Analog Devices AD9853 Datasheet HTML 24Page - Analog Devices AD9853 Datasheet HTML 25Page - Analog Devices AD9853 Datasheet HTML 26Page - Analog Devices AD9853 Datasheet HTML 27Page - Analog Devices AD9853 Datasheet HTML 28Page - Analog Devices AD9853 Datasheet HTML 29Page - Analog Devices AD9853 Datasheet HTML 30Page - Analog Devices AD9853 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AD9853
–27–
REV. C
REFERENCE CLOCK MULTIPLIER
Due to the fact that the AD9853 is a DDS-based modulator, a
relatively high frequency system clock is required. For DDS
applications the carrier is typically limited to about 40% of
fCLOCK. For a 65 MHz carrier, the system clock required is
above 150 MHz. To avoid the cost associated with these high
frequency references, and the aggravating noise coupling issues
associated with operating a high frequency clock on a PC board,
the AD9853 provides an on-chip 6
× clock multiplier. With the
6
× on-chip multiplier, the input reference clock required for the
AD9853 can be kept in the 20 MHz to 30 MHz range, which
results in cost and system implementation savings. The 6
×
REFCLK multiplier maintains clock integrity as evidenced by
the AD9853’s system phase noise characteristics of –100 dBc/Hz
and virtually no clock related spurious in the output spectrum.
External loop filter components consisting of a series resistor
(1.3 k
Ω) and capacitor (0.01 µF) provide the compensation
zero for the 6
× REFCLK PLL loop. The overall loop perfor-
mance has been optimized for these component values.
Table VI. Derivation of Currently Transmitted Symbol
Quadrant
Current
MSBs of
MSBs for
Input
Quadrant
Previously
Currently
Bits
Phase
Transmitted
Transmitted
I Q
Change
Symbol
Symbol
00
0
°
11
11
00
0
°
01
01
00
0
°
00
00
00
0
°
10
10
01
90
°
11
01
01
90
°
01
00
01
90
°
00
10
01
90
°
10
11
11
180
°
11
00
11
180
°
01
10
11
180
°
00
11
11
180
°
10
01
10
270
°
11
10
10
270
°
01
11
10
270
°
00
01
10
270
°
10
00
Note: This table applies to both DQPSK and D16-QAM formats.
In DQPSK a symbol is comprised of two bits that are denoted
as “ I(1) Q(1).” In this case, I(1) and Q(1) are the MSBs and
the table can be interpreted directly. In D16-QAM a symbol is
defined as comprised of four bits denoted as “I(1) Q(1) I(0) Q(0).”
I(1), Q(1) are the MSBs and I(0), Q(0) are the LSBs. As indi-
cated in the table, only the MSBs I(1) and Q(1) are altered as a
function of the differential coding; I(0) and Q(0) are not altered.
DEVICE THERMAL CONSIDERATIONS
The AD9853 is specified to operate at an ambient temperature
of up to +85
°C. The maximum junction temperature (T
J) is
specified at +150
°C, which provides a worst case junction-to-air
differential of +65
°C. Thus, with the specified θ
JA of +36
°C/W,
a maximum device dissipation of 1.8 W is achievable under the
worst case conditions. It is important to understand that a sig-
nificant portion of the heat generated by the device is trans-
ferred to the environment via the package leads. The specified
θ
JA value assumes that the device is soldered to a multilayer
printed circuit board (PCB) with the device power and ground
pins connected directly to power and ground planes of the PCB.
The amount of power internally generated by the device is pri-
marily dependent on four factors:
•
Power Supply Voltage
•
System Clock Rate
•
Input Data Rate
•TXENABLE Duty Cycle (assuming the device is operated in
the burst data mode)
The power generated by the device increases with an increase in
any one of the four factors. It turns out that the contribution of
generated power due to the system clock rate, input data rate
and TXENABLE duty cycle may be ignored at power supply
voltages of less than 4 V (as the total power generated by the
device will not exceed 1.8 W). However, for supply voltages
greater than 4 V, operation at +85
°C ambient temperature will
require a tradeoff among the other three factors; i.e., a reduced
system clock rate, a reduced data rate, a reduced TXENABLE
duty cycle, or some combination of the three. It should be men-
tioned, that operation at a power supply voltage of 4 V yields the
same level of performance as specified at 5 V operation. For
example, the user may still take advantage of the 165 MHz
maximum system clock rate specified for 5 V operation.
VDD
IOUT
IOUTB
DIGITAL
OUT
VDD
(b)
VDD
DIGITAL
IN
(a)
(c)
Figure 38. Equivalent I/O Circuits
AD9853-xxPCB EVALUATION BOARD
Two versions of evaluation boards are available for the AD9853
digital QPSK/16-QAM modulator: the AD9853-45PCB and
the AD9853-65PCB. The – 45 contains a 45 MHz low-pass
filter to support a 5 MHz–42 MHz output bandwidth and the
–65 has a 65 MHz low-pass filter to support a 5 MHz–65 MHz
output bandwidth.
Both versions of the evaluation board contain the AD9853
device, a REFCLOCK oscillator, a seventh order elliptic low-
pass filter of the designated frequency, an AD8320 program-
mable cable driver amplifier, operating software for Windows
®
3.1 or Windows 95, and a booklet of complete operating in-
structions and performance graphs. The evaluation board pro-
vides an optimal environment for menu-driven programming of
the devices and analysis of output spectral performance.
Part Number
On-Board Low-Pass Filter
AD9853-45PCB
45 MHz
AD9853-65PCB
65 MHz
Windows is a registered trademark of Microsoft, Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com