Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9853
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9853 Datasheet HTML 9Page - Analog Devices AD9853 Datasheet HTML 10Page - Analog Devices AD9853 Datasheet HTML 11Page - Analog Devices AD9853 Datasheet HTML 12Page - Analog Devices AD9853 Datasheet HTML 13Page - Analog Devices AD9853 Datasheet HTML 14Page - Analog Devices AD9853 Datasheet HTML 15Page - Analog Devices AD9853 Datasheet HTML 16Page - Analog Devices AD9853 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AD9853
–13–
REV. C
S
DEVICE ADDRESS
A(S)
REGISTER ADDRESS
A(S)
DATA
A(S)
WRITE
DATA
A(S)
P
S
DEVICE ADDRESS
A(S)
REGISTER ADDRESS
A(S)
READ
DATA
A(M)
P
DEVICE ADDRESS
A(S)
DATA
S
A(M)
LSB = 0
LSB = 1
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
S = START CONDITION
P = STOP CONDITION
A(M) = NO ACKNOWLEDGE BY MASTER
Figure 27. Serial Control Bus—Read and Write Sequences
R/W
MSB
A
1
0
0
0
0
0
LSB
0 = WRITE / 1 = READ
ADDRESS CONTROL
(SET VIA DEVICE PIN 6)
Figure 28. Serial Control Bus—8-Bit Device Address Detail
tFH
tFL
FEC DISABLE/
ENABLE CONTROL
TXENABLE
tFH = FEC TO TXENABLE SETUP TIME = 0ns
tFL = FEC TO TXENABLE HOLD TIME = 0ns
Figure 29. FEC Enable/Disable Timing Diagram
tTR
tRL
TXENABLE
RESET
CONTROL CLOCK
CONTROL DATA
tRH
tPWH
tPWL
tCH
tDS
tDH
tCS
tTR = MINIMUM TXENABLE LOW TO RESET LOW = 10ns
tRL = MINIMUM RESET PULSEWIDTH = 10ns
tRH = MINIMUM RESET TO START CONDITION = 10ns
tCH = MINIMUM CLOCK HOLD TIME START CONDITION = 10ns
tCS = MINIMUM CLOCK SETUP TIME STOP CONDITION = 10ns
tDS = MINIMUM DATA SETUP TIME = 10ns
tDH = MINIMUM DATA HOLD TIME = 10ns
tPWH = tPWL = MINIMUM CLOCK PULSEWIDTH HIGH/LOW = 10ns
tMP = MINIMUM CLOCK PERIOD = 40ns = 25MHz
tMP
Figure 30. Serial Control Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com