Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9853
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9853 Datasheet HTML 7Page - Analog Devices AD9853 Datasheet HTML 8Page - Analog Devices AD9853 Datasheet HTML 9Page - Analog Devices AD9853 Datasheet HTML 10Page - Analog Devices AD9853 Datasheet HTML 11Page - Analog Devices AD9853 Datasheet HTML 12Page - Analog Devices AD9853 Datasheet HTML 13Page - Analog Devices AD9853 Datasheet HTML 14Page - Analog Devices AD9853 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AD9853
–11–
REV. C
MAX CLOCK RATE – MHz
95
85
45
110 115
170
120 125 130 135 140 145 150 155 160 165
75
65
55
BIT RATE >2Mb/s
VCC = +5V
CONTINUOUS MODE
Figure 20. Max CLK Rate vs. Ambient Temperature
(To Ensure Max Junction Temp is Not Exceeded)
BIT RATE – Mb/s
2.6
1.2
0
0.5
3.5
1.0
1.5
2.0
2.5
3.0
2.4
2.0
1.8
1.6
1.4
2.2
VCC = +5.0V
CLK = 165MHz
CONTINUOUS MODE
VCC = +4.0V
Figure 21. Power Consumption vs. Bit Rate
BIT RATE – Mb/s
–45
–60
5.12
2.56
0.64
1.28
–50
–55
CLK = 122.88 MHz
VCC = +3.3V
–40
AOUT = 42MHz
AOUT = 32MHz
AOUT = 22MHz
AOUT = 12MHz
Figure 22. Spurious Emission vs. Bit Rate vs. AOUT
BIT RATE – Mb/s
0.80
0.75
0.55
01
6
23
4
5
0.70
0.65
0.60
CLK = 122.88 MHz
VCC = +3.3V
CONTINUOUS MODE
Figure 23. PWR Consumption vs. Bit Rate
BURST MODE DUTY CYCLE – %
2.4
1.9
0
20
100
40
60
80
2.3
2.2
2.1
2.0
2.5
CLK = 165MHz
VCC = +5.0V
BIT RATE = 3.4Mb/s
Figure 24. Power Consumption vs. Burst Duty Cycle
–40
–42
–52
3.5
1.75
0.44
0.88
–44
–46
–50
–48
BIT RATE – Mb/s
AOUT = 65MHz
AOUT = 40MHz
AOUT = 20MHz
CLK = 165MHz
VCC = +4.0V TO +5.0V
Figure 25. Spurious Emission vs. Bit Rate vs. AOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com