Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9853
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9853 Datasheet HTML 17Page - Analog Devices AD9853 Datasheet HTML 18Page - Analog Devices AD9853 Datasheet HTML 19Page - Analog Devices AD9853 Datasheet HTML 20Page - Analog Devices AD9853 Datasheet HTML 21Page - Analog Devices AD9853 Datasheet HTML 22Page - Analog Devices AD9853 Datasheet HTML 23Page - Analog Devices AD9853 Datasheet HTML 24Page - Analog Devices AD9853 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AD9853
–21–
REV. C
FREQUENCY SCALE – f
FREQUENCY SCALED TO SYMBOL RATE
2
0
–10
–22
–34
0.1
0.2
0.3
0.4
0.5
0.6
0.7
PASSBAND DETAIL
FREQUENCY SCALE – f
FREQUENCY SCALED TO SYMBOL RATE
0
0
–20
–40
–60
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FIR(f)
SYSuncomp(f)
SYScomp(f)
RESPONSE OF NORMAL SRRC, NORMAL SRRC + CIC, AND COMPENSATED SRRC + CIC
FIR(f)
SYSuncomp(f)
SYScomp(f)
...EXCESS BANDWIDTH FACTOR FOR SRRC FREQUENCY RESPONSE
...PORTION OF SRRC BANDWIDTH OVER WHICH APPLY CIC CORRECTION (0<
<= 1)
...BANDWIDTH OF SRRC FILTER (RELATIVE TO SYMBOLRATE)
...NUMBER OF FIR PULSE SHAPING FILTER TAPS
...SETS MAX VALUE OF FIR PULSE SHAPING FILTER BASED ON FINITE WORD SIZE
...UPSAMPLING RATIO OF FIR PULSE SHAPING FILTER (RELATIVE TO THE SYMBOL RATE)
...PROCESSING GAIN OF CIC FILTERS (USED TO CORRELATE RESULTS WITH AD9853 EVAL. BD.)
...NUMBER OF COMB/INTEGRATOR STAGES IN CIC FILTER
...UNIT DELAYS PER STAGE OF CIC FILTER
...RETURNS 1 IF a<= x <= b, 0 OTHERWISE
...RETURNS NEAREST INTEGER TO x
...RATIO TO DECIBEL CONVERSION FUNCTION
...SRRC FREQUENCY RESPONSE FUNCTION
(f IS RELATIVE TO THE SYMBOL RATE)
...Z TRANSFORM
...CIC FILTER TIME INDEX FREQUENCY RESPONSE FUNCTION
–k
f
R
z
H(f,R)
R M – 1
.
k = 0
N
GLOBAL DECLARATIONS
CONSTANTS:
0.5
PROC_GAIN
1
BW
0.5 (1+
)
.
SCALE
511
TAPS
41
FreqScale
4
FUNCTIONS:
InRange (x,a,b)
(x
a) . (x
b)
INT(x)
floor(x + 0.5)
dB(x)
if (| x | = 0, –200, 20 log (| x |))
.
.
.
SRRC(f)
passband
0.5 (1 –
)
stopband
0.5 (1 +
)
1 if InRange (f, 0, stopband)
if InRange (f, 0, passband)
cos
4 .
.
.
(2 f +
– 1) if InRange (f, passband, stopband)
0 otherwise
0.9
N
4
M
1
z(f)
e2j
f
..
Figure 35. MathCad Simulation (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com