Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6118LIB Datasheet (PDF) - Renesas Technology Corp

ISL6118LIB Datasheet PDF - Renesas Technology Corp
Part # ISL6118LIB
Download  ISL6118LIB Download
File Size   638.4 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Power Supply Controller

ISL6118LIB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6118LIB Datasheet PDF - Renesas Technology Corp

Part # ISL6118LIB
Download  ISL6118LIB Click to download

File Size   638.4 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Power Supply Controller

ISL6118LIB Datasheet (HTML) - Renesas Technology Corp


ISL6118LIB Product details

The ISL6118 is a dual channel, fully independent overcurrent (OC) fault protection IC for the +2.5V to +5.5V environment. This device features internal current monitoring, accurate current limiting, integrated power switches and current limited delay to latch-off for system protection.

Features
• 80m Integrated Power N-Channel MOSFET Switches
• Accurate Current Sensing and Limiting
• 12ms Fault Delay to Latch-Off, No Thermal Dependency
• 2.5V to 5.5V Operating Range
• Disabled Output Internally Pulled Low
• Undervoltage Lockout
• Controlled Turn-On Ramp Time
• Channel Independent Fault Output Signals
• Channel Independent Logic Level Enable High Inputs (ISL6118H) or Enable Low Inputs (ISL6118L)
• Pb-Free Package Options Available
• Tape & Reel Packing with ‘-T’ Part Number Suffix

Applications
• ACPI 3.3V AUX Control
• Electronic Circuit Limiting and Breaker




Similar Part No. - ISL6118LIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6118LIB INTERSIL-ISL6118LIB Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
ISL6118LIB-T INTERSIL-ISL6118LIB-T Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
ISL6118LIBZA INTERSIL-ISL6118LIBZA Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
ISL6118LIBZA-T INTERSIL-ISL6118LIBZA-T Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
More results


Similar Description - ISL6118LIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
Dual-Output Power-Supply Controller
26-Apr-04
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
Single/Dual Power Supply Margining Controller
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com