Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6118LIB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6118LIB
Description  Dual Power Supply Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6118LIB Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6118LIB Datasheet HTML 1Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 2Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 3Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 4Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6118LIB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ISL6118
FN9008 Rev 2.00
Page 2 of 10
March 2004
Simplified Block Diagram
GND
VIN
EN_1
EN_2
FAULT_2
OUT_2
OUT_1
FAULT_1
Q-PUMP
CURRENT AND TEMP.
POR
CHANNEL 1 LIKE CHANNEL 2
MONITORING, GATE AND
OUTPUT CONTROL
LOGIC
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
GND
IC Reference
2
VIN
Chip Bias, Controlled
Supply Input,
Undervoltage Lock-Out
VIN provides chip bias voltage. At VIN < 2.5V chip functionality is disabled, FAULT_X latch
is cleared and floating and OUT is held low.
3, 4
ENABLE_1, 2/
ENABLE_1, 2
Channel Enable/
Enable not Inputs
Enables/Disables switch.
5, 8
FAULT OUT_2, 1 Channel 2, 1
Overcurrent Fault not
Indicator
Channel overcurrent fault-not indicator. FAULT floats and is disabled until VIN > 2.5V. This
output is pulled low after the OC timeout period has expired and stays latched until ENABLE
is deasserted.
6, 7
OUT_2, 1
Channel 2,1 Controlled
Supply Output
Channel voltage output, connect to load to protect. Upon an OC condition OUT is current
limited to 0.6A. Current limit response time is within 200µs. This output will remain in current
limit for a determined time before being latched off.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com