Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6121 Datasheet (PDF) - Renesas Technology Corp

ISL6121 Datasheet PDF - Renesas Technology Corp
Part # ISL6121
Download  ISL6121 Download
File Size   645.65 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Supply Integrated Current Limiting Controller

ISL6121 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6121 Datasheet PDF - Renesas Technology Corp

Part # ISL6121
Download  ISL6121 Click to download

File Size   645.65 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Supply Integrated Current Limiting Controller

ISL6121 Datasheet (HTML) - Renesas Technology Corp


ISL6121 Product details

The ISL6121 is a single supply Overcurrent (OC) fault protection IC for 2.5V to 5V applications where 2A current limiting is desired. This device features internal current monitoring and limiting along with a 50m integrated power switch and a current limited time out to latch-off feature for system protection. The time to latch-off is independent of device temperature, and magnitude of OC.

Features
• 0.05Ω Integrated Power N-channel MOSFET Switch
• Accurate Current Sensing and Limiting
• 12ms Timed Fault Latch-Off, No thermal Dependency
• 2.5V to 5.5V Operating Range
• Under Voltage Lockout
• Disabled Output Internally Pulled Low
• Controlled Turn On/Off Ramp Times
• Fault Output Signal
• Logic Level Enable High Inputs (ISL6121H) or Enable Low Inputs (ISL6121L)
• Logic Level Compatible Enable Input and Fault Output

Applications
• Fibre Channel
• Industrial Power Control
• Hot Plug




Similar Part No. - ISL6121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
Single Supply Integrated Current Limiting Controller
June 10, 2005
ISL6121 INTERSIL-ISL6121 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL6121 INTERSIL-ISL6121 Datasheet
419Kb / 11P
Single Supply Integrated Current Limiting Controller
November 12, 2004
ISL6121HEVAL1 INTERSIL-ISL6121HEVAL1 Datasheet
566Kb / 16P
Single Supply Integrated Current Limiting Controller
June 10, 2005
ISL6121HEVAL1 INTERSIL-ISL6121HEVAL1 Datasheet
419Kb / 11P
Single Supply Integrated Current Limiting Controller
November 12, 2004
More results


Similar Description - ISL6121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
Single Supply Integrated Current Limiting Controller
June 10, 2005
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
419Kb / 11P
Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com