Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2125Z Datasheet (PDF) - International Rectifier

IR2125Z Datasheet PDF - International Rectifier
Part # IR2125Z
Download  IR2125Z Download
File Size   140.18 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CURRENT LIMITING SINGLE CHANNEL DRIVER

IR2125Z Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2125Z Datasheet PDF - International Rectifier

Part # IR2125Z
Download  IR2125Z Click to download

File Size   140.18 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CURRENT LIMITING SINGLE CHANNEL DRIVER

IR2125Z Datasheet (HTML) - International Rectifier


IR2125Z Product details

Description
The IR2125Z is a high voltage, high speed power MOSFET and IGBT driver with over-current limiting protection circuitry. Proprietary GVIC and latch immune CMOS technologies enable ruggedized minilithic consturction. Logic inputs are compatible with standard CMOS or LSTTL outputs. the ouput driver features a high pulse current buffer stage designed for minimum driver cross-conduction.
The protection circuitry detects over-current in the driven power transistor and limits the gate drive voltage. Cycle by cycle shutdown is programmed by an external capacitor which directly controls the time interval between detection of the over-current limiting conditions and latched shutdown. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high or low side configuration which operates up to 400 volts.

Features
■ Floating channel designed for bootstrap
   operation 
   Fully operational to +400V
   Tolerant to negative transient voltage
   dV/dt immune
■ Gate drive supply range from 12 to 18V
■ Undervoltage lockout
■ Current detection and limiting loop to limit driven
   power transistor current
■ Error lead indicates fault conditions and pro
   grams shutdown time
■ Output in phase with input




Similar Part No. - IR2125Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125Z IRF-IR2125Z Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Similar Description - IR2125Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com