Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2121PBF Datasheet (PDF) - International Rectifier

IR2121PBF Datasheet PDF - International Rectifier
Part # IR2121PBF
Download  IR2121PBF Download
File Size   155.28 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CURRENT LIMITING LOW SIDE DRIVER

IR2121PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2121PBF Datasheet PDF - International Rectifier

Part # IR2121PBF
Download  IR2121PBF Click to download

File Size   155.28 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CURRENT LIMITING LOW SIDE DRIVER

IR2121PBF Datasheet (HTML) - International Rectifier


IR2121PBF Product details

Description
The IR2121 is a high speed power MOSFET and IGBT driver with over-current limiting protection circuitry. Latch immune CMOS technology enables ruggedized monolithic construction. Logic inputs are compatible with standard CMOS or LSTTL outputs, down to 2.5V logic. The output driver features a high pulse current buffer stage designed for minimum cross-conduction. The protection circuitry detects over-current in the driven power transistor and limits the gate drive voltage.

Features
• Gate drive supply range from 12 to 18V
• Undervoltage lockout
• Current detection and limiting loop to limit driven power transistor current
• Error lead indicates fault conditions and programs shutdown time
• Output in phase with input
• 2.5V, 5V and 15V input logic compatible
• Also available LEAD-FREE




Similar Part No. - IR2121PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2121 IRF-IR2121 Datasheet
452Kb / 15P
CURRENT LIMITING LOW SIDE DRIVER
IR2121 IRF-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
logo
International Rectifier
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
More results


Similar Description - IR2121PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2121 IRF-IR2121 Datasheet
452Kb / 15P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com