Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6131 Datasheet (PDF) - Renesas Technology Corp

ISL6131 Datasheet PDF - Renesas Technology Corp
Part # ISL6131
Download  ISL6131 Download
File Size   745.08 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Voltage Supervisory ICs

ISL6131 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6131 Datasheet PDF - Renesas Technology Corp

Part # ISL6131
Download  ISL6131 Click to download

File Size   745.08 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Voltage Supervisory ICs

ISL6131 Datasheet (HTML) - Renesas Technology Corp


ISL6131 Product details

The ISL6131 and ISL6132 are a family of high-accuracy, multi-voltage supervisory ICs designed to monitor voltages greater than 0.7V in applications ranging from microprocessors to industrial power systems. The ISL6131 is an undervoltage four-supply supervisor, and the ISL6132 is a two-voltage supervisor monitoring for undervoltage (UV) and overvoltage (OV) conditions.

Features
• Operates from 1.5V to 5.5V Supply Voltage
• Four Adjustable Voltage Monitoring Thresholds
• 150ms STATUS/PGOOD Stability Time Delay
• Four Individual Open Drain STATUS Outputs
• Guaranteed STATUS/PGOOD Valid to VDD <1V
• VDD and VMON Glitch Immunity
• VDD Lock-Out
• 4mm X 4mm QFN Package
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-Free (RoHS Compliant)

Applications
• Multivoltage DSPs and Processors
• µP Voltage Monitoring
• Embedded Control Systems
• Graphics Cards
• Intelligent Instruments
• Medical Equipment
• Network Routers
• Portable Battery-Powered Equipment
• Set-Top Boxes
• Telecommunications Systems




Similar Part No. - ISL6131

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
Multiple Voltage Supervisory ICs
August 17, 2010
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
Multiple Voltage Supervisory ICs
ISL6131IR INTERSIL-ISL6131IR Datasheet
457Kb / 13P
Multiple Voltage Supervisory ICs
August 17, 2010
ISL6131IR-T INTERSIL-ISL6131IR-T Datasheet
457Kb / 13P
Multiple Voltage Supervisory ICs
August 17, 2010
ISL6131IRZA INTERSIL-ISL6131IRZA Datasheet
457Kb / 13P
Multiple Voltage Supervisory ICs
August 17, 2010
More results


Similar Description - ISL6131

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
Multiple Voltage Supervisory ICs
August 17, 2010
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
logo
Analog Devices
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
logo
Maxim Integrated Produc...
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. A
logo
Maxim Integrated Produc...
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com