Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6131 Datasheet (PDF) - Intersil Corporation

ISL6131 Datasheet PDF - Intersil Corporation
Part # ISL6131
Download  ISL6131 Download
File Size   457.97 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiple Voltage Supervisory ICs

ISL6131 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6131 Datasheet PDF - Intersil Corporation

Part # ISL6131
Download  ISL6131 Click to download

File Size   457.97 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiple Voltage Supervisory ICs

ISL6131 Datasheet (HTML) - Intersil Corporation


ISL6131 Product details

The ISL6131 and ISL6132 are a family of high accuracy multi voltage supervisory ICs designed to monitor voltages greater than 0.7V in applications ranging from microprocessors to industrial power systems. The ISL6131 is an undervoltage four supply supervisor whereas the ISL6132 is a two voltage supervisor monitoring both for undervoltage (UV) and overvoltage (OV) conditions.

Features
• Operates from 1.5V to 5.5V Supply Voltage
• Four Adjustable Voltage Monitoring Thresholds
• 150ms STATUS/PGOOD Stability Time Delay
• Four Individual Open Drain STATUS Outputs
• Guaranteed STATUS/PGOOD Valid to VDD <1V
• VDD and VMON Glitch Immunity
• VDD Lock Out
• 4mm X 4mm QFN Package
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-Free (RoHS Compliant)

Applications
• Multivoltage DSPs and Processors
• µP Voltage Monitoring
• Embedded Control Systems
• Graphics Cards
• Intelligent Instruments
• Medical Equipment
• Network Routers
• Portable Battery-Powered Equipment
• Set-Top Boxes
• Telecommunications Systems




Similar Part No. - ISL6131

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
Multiple Voltage Supervisory ICs
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
Multiple Voltage Supervisory ICs
ISL6131EVAL1Z RENESAS-ISL6131EVAL1Z Datasheet
745Kb / 15P
Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131IRZA INTERSIL-ISL6131IRZA Datasheet
520Kb / 13P
Multiple Voltage Supervisory ICs
logo
Renesas Technology Corp
ISL6131IRZA RENESAS-ISL6131IRZA Datasheet
745Kb / 15P
Multiple Voltage Supervisory ICs
More results


Similar Description - ISL6131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
logo
Analog Devices
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
logo
Maxim Integrated Produc...
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. A
logo
Maxim Integrated Produc...
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com