Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6261A Datasheet (PDF) - Renesas Technology Corp

ISL6261A Datasheet PDF - Renesas Technology Corp
Part # ISL6261A
Download  ISL6261A Download
File Size   1955.3 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs

ISL6261A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6261A Datasheet PDF - Renesas Technology Corp

Part # ISL6261A
Download  ISL6261A Click to download

File Size   1955.3 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs

ISL6261A Datasheet (HTML) - Renesas Technology Corp


ISL6261A Product details

The ISL6261A is a single-phase buck regulator implementing lntel® IMVP-6® protocol, with embedded gate drivers. lntel® Mobile Voltage Positioning (IMVP) is a smart voltage regulation technology effectively reducing power dissipation in lntel® Pentium processors.
The heart of the ISL6261A is the patented R3 Technology™, Intersil’s Robust Ripple Regulator modulator. Compared with the traditional multi-phase buck regulator, the R3 Technology™ has faster transient response. This is due to the R3 modulator commanding variable switching frequency during a load transient.

Features
• Precision single-phase CORE voltage regulator
    - 0.5% system accuracy over temperature
    - Enhanced load line accuracy
• Internal gate driver with 2A driving capability
• Microprocessor voltage identification input
    - 7-Bit VID input
    - 0.300V to 1.500V in 12.5mV steps
    - Support VID change on-the-fly
• Multiple current sensing schemes supported
    - Lossless inductor DCR current sensing
    - Precision resistive current sensing
• Thermal monitor
• Power monitor indicating CPU instantaneous power
• User programmable switching frequency
• Differential remote voltage sensing at CPU die
• Overvoltage, undervoltage, and overcurrent protection
• Pb-free (RoHS compliant)




Similar Part No. - ISL6261A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261ACRZ INTERSIL-ISL6261ACRZ Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261ACRZ-T INTERSIL-ISL6261ACRZ-T Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261AIRZ INTERSIL-ISL6261AIRZ Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261AIRZ-T INTERSIL-ISL6261AIRZ-T Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Similar Description - ISL6261A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
September 27, 2006
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
Automotive Single-Phase Core Regulator for IMVP-6??CPUs
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com