Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6261 Datasheet (PDF) - Intersil Corporation

ISL6261 Datasheet PDF - Intersil Corporation
Part # ISL6261
Download  ISL6261 Download
File Size   1203.13 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single-Phase Core Regulator for IMVP-6 Mobile CPUs

ISL6261 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6261 Datasheet PDF - Intersil Corporation

Part # ISL6261
Download  ISL6261 Click to download

File Size   1203.13 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single-Phase Core Regulator for IMVP-6 Mobile CPUs

ISL6261 Datasheet (HTML) - Intersil Corporation


ISL6261 Product details

The ISL6261 is a single-phase buck regulator implementing lntel® IMVP-6® protocol, with embedded gate drivers.
The heart of the ISL6261 is the patented R3 Technology™, Intersil’s Robust Ripple Regulator modulator. Compared with the traditional multi-phase buck regulator, the R3 Technology™ has faster transient response. This is due to the R3 modulator commanding variable switching frequency during a load transient.

Features
• Precision single-phase CORE voltage regulator
    - 0.5% system accuracy over temperature
    - Enhanced load line accuracy
• Internal gate driver with 2A driving capability
• Microprocessor voltage identification input
    - 7-Bit VID input
    - 0.300V to 1.500V in 12.5mV steps
    - Support VID change on-the-fly
• Multiple current sensing schemes supported
    - Lossless inductor DCR current sensing
    - Precision resistive current sensing
• Thermal monitor
• User programmable switching frequency
• Differential remote voltage sensing at CPU die
• Overvoltage, undervoltage, and overcurrent protection
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - ISL6261

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL6261ACRZ INTERSIL-ISL6261ACRZ Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6261ACRZ RENESAS-ISL6261ACRZ Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
More results


Similar Description - ISL6261

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
Automotive Single-Phase Core Regulator for IMVP-6??CPUs
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com