Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013A Datasheet (PDF) - Renesas Technology Corp

ISL8013A Datasheet PDF - Renesas Technology Corp
Part # ISL8013A
Download  ISL8013A Download
File Size   2197.97 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8013A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8013A Datasheet PDF - Renesas Technology Corp

Part # ISL8013A
Download  ISL8013A Click to download

File Size   2197.97 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8013A Datasheet (HTML) - Renesas Technology Corp


ISL8013A Product details

3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

The ISL8013A is a high efficiency, monolithic, synchronous step-down DC/DC converter that can deliver up to 3A continuous output current from a 2.8V to 5.5V input supply. It uses a current control architecture to deliver very low duty cycle operation at high frequency with fast transient response and excellent loop stability.

Features
• High efficiency synchronous buck regulator with up to 97% efficiency
• Power-good (PG) output with a 1ms delay
• 2.8V to 5.5V supply voltage
• 3% output accuracy over temperature, load, line
• 3A output current
• Start-up with prebiased output
• Internal soft-start - 1ms
• Soft-stop output discharge during disable
• 35µA quiescent supply current in PFM mode
• Selectable forced PWM mode and PFM mode
• External synchronization up to 4MHz
• Less than 1µA logic controlled shutdown current
• 100% maximum duty cycle
• Internal current mode compensation
• Peak current limiting and hiccup mode short-circuit protection
• Over-temperature protection
• Small 16 Ld 4mmx4mm QFN
• Pb-Free (RoHS compliant)

Applications
• DC/DC POL modules
• µC/µP, FPGA and DSP power
• Plug-in DC/DC modules for routers and switchers
• Portable instruments
• Test and measurement systems
• Li-ion battery powered devices
• Small form factor (SFP) modules
• Barcode readers




Similar Part No. - ISL8013A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
1Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Dec 3, 2021
ISL8013AEVAL2Z RENESAS-ISL8013AEVAL2Z Datasheet
1Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Dec 3, 2021
logo
Intersil Corporation
ISL8013AIRZ INTERSIL-ISL8013AIRZ Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
logo
Renesas Technology Corp
ISL8013AIRZ RENESAS-ISL8013AIRZ Datasheet
1Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Dec 3, 2021
More results


Similar Description - ISL8013A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 27, 2007
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 23, 2009
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com