Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8014A Datasheet (PDF) - Intersil Corporation

ISL8014A Datasheet PDF - Intersil Corporation
Part # ISL8014A
Download  ISL8014A Download
File Size   1326.63 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8014A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8014A Datasheet PDF - Intersil Corporation

Part # ISL8014A
Download  ISL8014A Click to download

File Size   1326.63 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8014A Datasheet (HTML) - Intersil Corporation


ISL8014A Product details

The ISL8014A is a high efficiency, monolithic, synchronous step-down DC/DC converter that can deliver up to 4A continuous output current from a 2.8V to 5.5V input supply. It uses a current control architecture to deliver very low duty cycle operation at high frequency with fast transient response and excellent loop stability.

Features
• High Efficiency Synchronous Buck Regulator with up to 97% Efficiency
• Power-Good (PG) Output with a 1ms Delay
• 2.8V to 5.5V Supply Voltage
• 3% Output Accuracy Over-Temperature/Load/Line
• 4A Output Current
• Pin Compatible to ISL8013A
• Start-up with Pre-Biased Output
• Internal Soft-Start - 1ms
• Soft-Stop Output Discharge During Disabled
• 35µA Quiescent Supply Current in PFM Mode
• Selectable Forced PWM Mode and PFM Mode
• External Synchronization up to 4MHz
• Less than 1µA Logic Controlled Shutdown Current
• 100% Maximum Duty Cycle
• Internal Current Mode Compensation
• Peak Current Limiting and Hiccup Mode Short Circuit Protection
• Over-Temperature Protection
• Small 16 Ld 4mmx4mm QFN
• Pb-Free (RoHS Compliant)

Applications*(see page 14)
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Portable Instruments
• Test and Measurement Systems
• Li-ion Battery Powered Devices
• Small Form Factor (SFP) Modules
• Bar Code Readers




Similar Part No. - ISL8014A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014AEVAL2Z RENESAS-ISL8014AEVAL2Z Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014AIRZ RENESAS-ISL8014AIRZ Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Similar Description - ISL8014A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 23, 2009
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com