Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL21007 Datasheet (PDF) - Renesas Technology Corp

ISL21007 Datasheet PDF - Renesas Technology Corp
Part # ISL21007
Download  ISL21007 Download
File Size   1394.84 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision, Low Noise FGA Voltage References

ISL21007 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21007 Datasheet PDF - Renesas Technology Corp

Part # ISL21007
Download  ISL21007 Click to download

File Size   1394.84 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision, Low Noise FGA Voltage References

ISL21007 Datasheet (HTML) - Renesas Technology Corp


ISL21007 Product details

Precision, Low Noise FGA Voltage References

The ISL21007 FGA™ voltage references are extremely low power, high precision, and low noise voltage references fabricated on Intersil’s proprietary Floating Gate Analog (FGA) technology. The ISL21007 features very low noise (4.5µVP-P for 0.1Hz to 10Hz) and very low operating current (150µA, Max). In addition, the ISL21007 family features guaranteed initial accuracy as low as ±0.5mV.

Features
• Reference Output Voltage . . . .1.250V, 2.048V, 2.500V, 3.000V
• Input Voltage Range
    ISL21007-12, 20, 25. . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
    ISL21007-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
• Low Output Voltage Noise. . . . . . . . 4.5µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 150µA (Max)
• Temperature Coefficient . . . . . . . . . . . . . . 3ppm/°C (B grade)
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC
• Pb-Free (RoHS Compliant)

Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Base Stations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment




Similar Part No. - ISL21007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
ISL21007 INTERSIL-ISL21007 Datasheet
879Kb / 18P
Precision, Low Noise FGA?줧oltage References
December 13, 2007
ISL21007 INTERSIL-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
879Kb / 18P
Precision, Low Noise FGA?줧oltage References
December 13, 2007
More results


Similar Description - ISL21007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
Precision, Low Noise FGA??Voltage References
February 14, 2007
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
High Voltage Input Precision, Low Noise FGA??Voltage References
September 12, 2007
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
Precision, Low Noise FGA?줧oltage References
December 13, 2007
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
High Voltage Input Precision, Low Noise FGA??Voltage References
December 15, 2008
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
Precision, Low Noise FGA Voltage References
May 4, 2009
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
High Voltage Input Precision, Low Noise FGA??Voltage References
September 16, 2009
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com