Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL21032 Datasheet (PDF) - Renesas Technology Corp

ISL21032 Datasheet PDF - Renesas Technology Corp
Part # ISL21032
Download  ISL21032 Download
File Size   446.17 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision 0.600V Low Voltage FGA??References

ISL21032 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21032 Datasheet PDF - Renesas Technology Corp

Part # ISL21032
Download  ISL21032 Click to download

File Size   446.17 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision 0.600V Low Voltage FGA??References

ISL21032 Datasheet (HTML) - Renesas Technology Corp


ISL21032 Product details

Precision 0.600V Low Voltage FGA™ References

The ISL21032 FGA™ voltage references are very high precision analog voltage references specifically designed to meet the rigorous performance requirements of high current, low voltage VRM and POL modules.
Fabricated in Intersils proprietary Floating Gate Analog technology, these references feature guaranteed performance over the -40°C to +130°C operating temperature range.

Features
• Reference Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
• Initial Accuracy Options @ +25°C ±1.0mV, ±2.5mV, and ±5.0mV
• Absolute Accuracy Options Over Operating Temp Range ±0.5% (±3.0mV), ±0.75% (±4.5mV), and ±1.0% (±6.0mV)
• Supply Voltage Range . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Low Quiescent Current . . . . . . . . . . . . . . . . . . . 12µA typ.
• Long Term Stability. . . . . . . . . . . . . . . . 10ppm/1,000Hrs.
• Thermal Hysteresis . . . . . . . . . 100ppm @ TA = +170°C
• Source and Sink Current . . . . . . . . . . . . . . . . . . . . . . 7mA
• ESD Protection. . . . . . . . . . . . . 5kV (Human Body Model)
• Standard 3 Ld SOT-23 Packaging
• Extended Temperature Range . . . . . . . . .-40°C to +130°C
• Pb-Free (RoHS Compliant)

Applications
• Low Voltage, High Current VRM and POL Modules
• Accurate Reference for Low Voltage DC/DC Converters




Similar Part No. - ISL21032

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
Precision 0.600V Low Voltage FGA References
ISL21032BPH306Z-TK INTERSIL-ISL21032BPH306Z-TK Datasheet
230Kb / 7P
Precision 0.600V Low Voltage FGA References
ISL21032CPH306Z-TK INTERSIL-ISL21032CPH306Z-TK Datasheet
230Kb / 7P
Precision 0.600V Low Voltage FGA References
ISL21032DPH306Z-TK INTERSIL-ISL21032DPH306Z-TK Datasheet
230Kb / 7P
Precision 0.600V Low Voltage FGA References
More results


Similar Description - ISL21032

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
Precision Low Power FGA??Voltage References
August 1, 2006
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
Precision Low Power FGA??Voltage References
June 4, 2007
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
Precision, Low Noise FGA Voltage References
May 4, 2009
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
Precision 0.600V Low Voltage FGA References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
Precision Low Power FGA??Voltage References
December 16, 2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA Voltage References
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
Precision Low Power FGA Voltage References
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com