Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL21032 Datasheet (PDF) - Intersil Corporation

ISL21032 Datasheet PDF - Intersil Corporation
Part # ISL21032
Download  ISL21032 Download
File Size   230.14 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision 0.600V Low Voltage FGA References

ISL21032 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21032 Datasheet PDF - Intersil Corporation

Part # ISL21032
Download  ISL21032 Click to download

File Size   230.14 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision 0.600V Low Voltage FGA References

ISL21032 Datasheet (HTML) - Intersil Corporation


ISL21032 Product details

Precision 0.600V Low Voltage FGA™ References

The ISL21032 FGA™ voltage references are very high precision analog voltage references specifically designed to meet the rigorous performance requirements of high current, low voltage VRM and POL modules.
Fabricated in Intersils proprietary Floating Gate Analog technology, these references feature guaranteed performance over the -40°C to +130°C operating temperature range.

Features
• Reference Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
• Initial Accuracy Options @ +25°C ±1.0mV, ±2.5mV, and ±5.0mV
• Absolute Accuracy Options Over Operating Temp Range ±0.5% (±3.0mV), ±0.75% (±4.5mV), and ±1.0% (±6.0mV)
• Supply Voltage Range . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Low Quiescent Current . . . . . . . . . . . . . . . . . . . 12µA typ.
• Long Term Stability. . . . . . . . . . . . . . . . 10ppm/√1,000Hrs.
• Thermal Hysteresis . . . . . . . . . 100ppm @ ΔTA = +170°C
• Source and Sink Current . . . . . . . . . . . . . . . . . . . . . . 7mA
• ESD Protection. . . . . . . . . . . . . 5kV (Human Body Model)
• Standard 3 Ld SOT-23 Packaging
• Extended Temperature Range . . . . . . . . .-40°C to +130°C
• Pb-Free (RoHS Compliant)

Applications
• Low Voltage, High Current VRM and POL Modules
• Accurate Reference for Low Voltage DC/DC Converters




Similar Part No. - ISL21032

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
ISL21032BPH306Z-TK RENESAS-ISL21032BPH306Z-TK Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
ISL21032CPH306Z-TK RENESAS-ISL21032CPH306Z-TK Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
ISL21032DPH306Z-TK RENESAS-ISL21032DPH306Z-TK Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
More results


Similar Description - ISL21032

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
Precision Low Power FGA??Voltage References
August 1, 2006
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
Precision Low Power FGA??Voltage References
June 4, 2007
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
Precision, Low Noise FGA Voltage References
May 4, 2009
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
Precision Low Power FGA??Voltage References
December 16, 2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
Precision Low Power FGA Voltage References
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com