Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29013 Datasheet (PDF) - Renesas Technology Corp

ISL29013 Datasheet PDF - Renesas Technology Corp
Part # ISL29013
Download  ISL29013 Download
File Size   868.71 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

ISL29013 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29013 Datasheet PDF - Renesas Technology Corp

Part # ISL29013
Download  ISL29013 Click to download

File Size   868.71 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

ISL29013 Datasheet (HTML) - Renesas Technology Corp


ISL29013 Product details

Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

The ISL29013 is an integrated light sensor with I2C (SMBus Compatible) interface. It has an internal signed15-bit integrating type ADC designed based on the chargebalancing A/D conversion technique. This ADC is capable of rejecting 50Hz and 60Hz flicker caused by artificial light sources. The lux range select feature allows the user to program the lux range for optimized counts/lux.

Features
• Range select via I2C
    - Range 1 = 0.5 lux to 2,000 lux
    - Range 2 = 0.5 lux to 8,000 lux
    - Range 3 = 0.5 lux to 32,000 lux
    - Range 4 = 0.5 lux to 128,000 lux
• Human eye response (540nm peak sensitivity)
• Temperature compensated
• Signed 15-bit resolution
• Adjustable resolution: up to 20 counts per lux
• User-programmable upper and lower threshold interrupt
• Simple output code, directly proportional to lux
• IR + UV rejection
• 50Hz/60Hz rejection
• 2.5V to 3.3V supply
• 6 Ld ODFN (2.1mmx2mm)
• Pb-free (RoHS compliant)
• Operating temperature range: -40°C to 85°C
• I2C and SMBus Compatible

Applications
• Display and keypad backlight dimming for
    - Mobile Devices: Smart phone, PDA, and GPS
    - Computing devices: Notebook PC, UMPC webpad
    - Consumer devices: LCD-TV, digital picture frame, and digital cameras
• Industrial and medical light sensing




Similar Part No. - ISL29013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
February 13, 2008
ISL29013IROZ-EVALZ INTERSIL-ISL29013IROZ-EVALZ Datasheet
537Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
February 13, 2008
ISL29013IROZ-T7 INTERSIL-ISL29013IROZ-T7 Datasheet
537Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
February 13, 2008
More results


Similar Description - ISL29013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
December 21, 2006
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
February 13, 2008
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
October 8, 2007
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
December 10, 2008
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
August 8, 2008
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com