Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29012 Datasheet (PDF) - Intersil Corporation

ISL29012 Datasheet PDF - Intersil Corporation
Part # ISL29012
Download  ISL29012 Download
File Size   587.74 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?

ISL29012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29012 Datasheet PDF - Intersil Corporation

Part # ISL29012
Download  ISL29012 Click to download

File Size   587.74 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?

ISL29012 Datasheet (HTML) - Intersil Corporation


ISL29012 Product details

The ISL29012 is an integrated light sensor with I2C (SMBus Compatible) interface. It has an internal signed 15-bit integrating type ADC designed based on the charge-balancing A/D conversion technique. This ADC is capable of rejecting 50Hz and 60Hz flicker caused by artificial light sources. The lux range select feature allows the user to program the lux range for optimized counts/lux. In normal operation, power consumption is typically 250µA.

Furthermore, a power-down mode can be controlled by software via the I2C interface, reducing power consumption to less than 1µA.



Features

• Range Select Via I2C

   - Range 1 = 0.5 lux to 2,000 lux

   - Range 2 = 0.5 lux to 8,000 lux

   - Range 3 = 0.5 lux to 32,000 lux

   - Range 4 = 0.5 lux to 128,000 lux

• Human Eye Response (540nm Peak Sensitivity)

• Temperature Compensated

• Signed 15-bit Resolution

• Adjustable Resolution: Up to 20 Counts per lux

• User-programmable Upper and Lower Threshold Interrupt

• Simple Output Code, Directly Proportional to lux

• IR + UV Rejection

• 50Hz/60Hz Rejection

• 2.5V to 3.3V Supply

• 6 Ld ODFN (2.1mmx2mm)

• Pb-Free (RoHS compliant)

• Operating Temperature Range: -40°C to +85°C

• I2C and SMBus Compatible



Applications

• Display and Keypad Backlight Dimming

   - Mobile Devices: Smart phone, PDA, and GPS

   - Computing Devices: Notebook PC, UMPC Web Pod

   - Consumer Devices: LCD-TV, Digital Picture Frame and Digital Cameras

• Industrial and Medical Light Sensing



 




Similar Part No. - ISL29012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29012IROZ-EVALZ RENESAS-ISL29012IROZ-EVALZ Datasheet
930Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29012IROZ-T7 RENESAS-ISL29012IROZ-T7 Datasheet
930Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
More results


Similar Description - ISL29012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
December 21, 2006
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
February 13, 2008
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
October 8, 2007
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
August 8, 2008
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 19P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com