Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29018 Datasheet (PDF) - Renesas Technology Corp

ISL29018 Datasheet PDF - Renesas Technology Corp
Part # ISL29018
Download  ISL29018 Download
File Size   1104.99 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function

ISL29018 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29018 Datasheet PDF - Renesas Technology Corp

Part # ISL29018
Download  ISL29018 Click to download

File Size   1104.99 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function

ISL29018 Datasheet (HTML) - Renesas Technology Corp


ISL29018 Product details

Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function

The ISL29018 is an integrated ambient and infrared light to digital converter with a built-in IR LED driver and I2C Interface (SMBus Compatible). This device provides not only ambient light sensing to allow robust backlight/display brightness control but also infrared sensing to allow proximity estimation featured with interrupt function.

Features
Proximity Sensing
• Ambient IR Cancellation During Proximity Sensing
    - Works Under Direct Sunlight
• IR LED Driver with Programmable Source Current
    - Adjustable Current Drive from 100mA to 12.5mA
• Programmable LED current Modulation Frequency
• Variable Conversion Resolution

Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• Adjustable Sensitivity up to 65 Counts per lux
• Selectable Range (via I2C)
    - Range 1 = 0.015 lux to 1,000 lux
    - Range 2 = 0.06 lux to 4,000 lux
    - Range 3 = 0.24 lux to 16,000 lux
    - Range 4 = 0.96 lux to 64,000 lux
• Integrated 50/60Hz Noise Rejection
• Works Under Various Light Sources, Including Sunlight

Ideal Spectral Response for Light and Proximity Sensor
• Light Sensor Close to Human Eye Response
    - Excellent Light Sensor IR and UV Rejection
• Proximity sensor range from 850nm to 950nm
    - Can use either 850nm or 950nm LED solution

Ultra Low Power
• 90μA Max Operating Current
• Software Shutdown and Automatic Shutdown
    - 0.5μA Max Shutdown Current

Easy to Use
• I2C (SMBus Compatible) Output
• No Complex Algorithms Needed
• Temperature Compensated
• Small Form Factor
    - 8 Ld 2.0mmx2.1mmx0.7mm ODFN Package

Additional Features
• I2C and SMBus Compatible
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS compliant)

Applications
• Display and Keypad Dimming Adjustment and Proximity Sensing for:
    - Mobile Devices: Smart Phone, PDA, GPS
    - Computing Devices: Notebook PC, Webpad
    - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera
• Industrial and Medical Light and Proximity Sensing




Similar Part No. - ISL29018

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29018 INTERSIL-ISL29018 Datasheet
803Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
ISL29018IROZ-EVALZ INTERSIL-ISL29018IROZ-EVALZ Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
More results


Similar Description - ISL29018

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 14, 2009
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
Integrated Digital Ambient Light Sensor with Interrupt Function
July 17, 2012
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 5, 2011
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29021 RENESAS-ISL29021 Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com