Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29023 Datasheet (PDF) - Intersil Corporation

ISL29023 Datasheet PDF - Intersil Corporation
Part # ISL29023
Download  ISL29023 Download
File Size   511.54 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Ambient Light Sensor with Interrupt Function

ISL29023 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29023 Datasheet PDF - Intersil Corporation

Part # ISL29023
Download  ISL29023 Click to download

File Size   511.54 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Ambient Light Sensor with Interrupt Function

ISL29023 Datasheet (HTML) - Intersil Corporation


ISL29023 Product details

The ISL29023 is an integrated ambient and infrared light to digital converter with I2C (SMBus Compatible) Interface. Its advanced self-calibrated photodiode array emulates human eye response with excellent IR rejection. The on-chip ADC is capable of rejecting 50Hz and 60Hz flicker caused by artificial light sources. The lux range select feature allows users to program the lux range for optimized counts/lux.



Features

Ambient Light Sensing

• Simple Output Code Directly Proportional to lux

• Variable Conversion Resolution up to 16-bits

• Adjustable Sensitivity up to 65 Counts per lux

• Selectable Range (via I2C)

- Range 1 = 0.015 lux to 1,000 lux

- Range 2 = 0.06 lux to 4,000 lux

- Range 3 = 0.24 lux to 16,000 lux

- Range 4 = 0.96 lux to 64,000 lux

• Integrated 50/60Hz Noise Rejection

• Temperature Compensated

• Works Under Various Light Sources, Including Sunlight



Excellent Spectral Response

• Light Sensor Close to Human Eye Response

- Excellent Light Sensor IR and UV Rejection



Ultra Low Power

•85μA Max Operating Current

• Software Shutdown and Automatic Shutdown

-0.3μA Max Shutdown Current




Similar Part No. - ISL29023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISL29023 TI1-ISL29023 Datasheet
394Kb / 14P
BOOSTXL-SENSHUB Sensor Hub BoosterPack
logo
Renesas Technology Corp
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
623Kb / 14P
Integrated Digital Light Sensor with Interrupt
May 1, 2014
ISL29023IROZ-EVALZ INTERSIL-ISL29023IROZ-EVALZ Datasheet
623Kb / 14P
Integrated Digital Light Sensor with Interrupt
May 1, 2014
logo
Renesas Technology Corp
ISL29023IROZ-EVALZ RENESAS-ISL29023IROZ-EVALZ Datasheet
882Kb / 14P
Integrated Digital Light Sensor with Interrupt
More results


Similar Description - ISL29023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 14, 2009
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 5, 2011
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
465Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com