Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2711 Datasheet (PDF) - NEC

PS2711 Datasheet PDF - NEC
Part # PS2711
Download  PS2711 Download
File Size   142.2 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER

PS2711 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2711 Datasheet PDF - NEC

Part # PS2711
Download  PS2711 Click to download

File Size   142.2 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER

PS2711 Datasheet (HTML) - NEC


PS2711 Product details

DESCRIPTION
The PS2711-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon phototransistor in a plastic SOP for high density applications.
The package is an SOP (Small Outline Package) type for high density mounting applications.

FEATURES
• High current transfer ratio (CTR = 200 % TYP. @ IF = 1mA)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Small and thin package (4-pin SOP)
• Ordering number of tape product: PS2711-1-F3, F4
• UL approved: File No. E72422 (S)

APPLICATIONS
• Programmable logic controllers
• Small power supply
• Hybrid IC
• Modem/FAX




Similar Part No. - PS2711

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2711 CEL-PS2711 Datasheet
120Kb / 3P
Safety Standard Certificate for Photocoupler
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1 Datasheet
224Kb / 13P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2711-1 RENESAS-PS2711-1 Datasheet
734Kb / 15P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
Rev.3.00 Jan. 27, 2026
More results


Similar Description - PS2711

ManufacturerPart #DatasheetDescription
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
PS2861H-1 CEL-PS2861H-1 Datasheet
278Kb / 3P
NECs HIGH ISOLATION VOLTAGE 4-PIN SOP OPTOCOUPLER
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com