Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2711-1 Datasheet (PDF) - Renesas Technology Corp

PS2711-1 Datasheet PDF - Renesas Technology Corp
Part # PS2711-1
Download  PS2711-1 Download
File Size   734.73 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CTR 4-PIN SOP PHOTOCOUPLER

PS2711-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2711-1 Datasheet PDF - Renesas Technology Corp

Part # PS2711-1
Download  PS2711-1 Click to download

File Size   734.73 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CTR 4-PIN SOP PHOTOCOUPLER

PS2711-1 Datasheet (HTML) - Renesas Technology Corp


PS2711-1 Product details

• High current transfer ratio (CTR = 200 % TYP. @ IF = 1mA)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Small and thin package (4-pin SOP)
• Embossed tape product:PS2711-1-F3: 3 500 pcs/reel
• Pb-free product
• Safety standards
UL approved: UL 1577, Single protection
CSA approved: CSA C22.2 No. 62368-1, Basic/Supplementary insulation
VDE approved: DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS2711-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1 Datasheet
224Kb / 13P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1-A CEL-PS2711-1-A Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1-F3 NEC-PS2711-1-F3 Datasheet
92Kb / 7P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
More results


Similar Description - PS2711-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com