Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29029 Datasheet (PDF) - Renesas Technology Corp

ISL29029 Datasheet PDF - Renesas Technology Corp
Part # ISL29029
Download  ISL29029 Download
File Size   825.74 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes

ISL29029 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29029 Datasheet PDF - Renesas Technology Corp

Part # ISL29029
Download  ISL29029 Click to download

File Size   825.74 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes

ISL29029 Datasheet (HTML) - Renesas Technology Corp


ISL29029 Product details

Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes

The ISL29029 is an integrated ambient and infrared light-to-digital converter with a built-in IR LED driver and I2C Interface (SMBus Compatible). This device uses two independent ADCs for concurrently measuring ambient light and proximity in parallel. The flexible interrupt scheme is designed for minimal microcontroller utilization.
For ambient light sensor (ALS) data conversions, an ADC converts photodiode current (with a light sensitivity range up to 2000 Lux) in 100ms per sample. The ADC rejects 50Hz/60Hz flicker noise caused by artificial light sources.

Features
• Works Under All Light Sources Including Sunlight
• Dual ADCs Measure ALS/Prox Concurrently
• Intelligent Interrupt Scheme Simplifies μC Code
• 0.5% Typical Nonlinearity

Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• 50Hz/60Hz Flicker Noise and IR Rejection
• Light Sensor Close to Human Eye Response
• Selectable 125/2000 Lux Range

Proximity Sensing
• Proximity Sensor with Broad IR Spectrum
    - Can Use 850nm and 950nm External IR LEDs
• IR LED Driver with I2C Programmable Sink Currents
    - Net 100μs Pulse with 110mA or 220mA Amplitudes
    - Periodic Sleep Time up to 800ms Between Pulses
• Ambient IR Noise Cancellation (Including Sunlight)

Intelligent and Flexible Interrupts
• Independent ALS/PROX Interrupt Thresholds
• Adjustable Interrupt Persistency
    - 1/4/8/16 Consecutive Triggers Required Before Interrupt

Ultra Low Power
• 138μA DC Typical Supply Current for ALS/Prox Sensing
    - 110μA for Sensors and Internal Circuitry
    - 28μA Typical Current for External IR LED (Assuming 220mA
    for 100μs Every 800ms)
• <1.0μA Supply Current When Powered Down

Easy to Use
• Set Registers; Wait for Interrupt
• I2C (SMBus Compatible) Output
• Temperature Compensated
• Tiny ODFN8 2.0x2.1x0.7 (mm) Package

Additional Features
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS compliant)
• I2C Address Selection Pin

Applications
• Display and Keypad Dimming Adjustment and Proximity Sensing for:
    - Mobile Devices: Smart Phone, PDA, GPS
    - Computing Devices: Laptop PC, Netbook
    - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera
• Industrial and Medical Light and Proximity Sensing




Similar Part No. - ISL29029

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
November 23, 2010
ISL29029 INTERSIL-ISL29029 Datasheet
576Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
761Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
November 23, 2010
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
More results


Similar Description - ISL29029

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
March 24, 2011
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
March 31, 2011
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com