Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29029 Datasheet (PDF) - Intersil Corporation

ISL29029 Datasheet PDF - Intersil Corporation
Part # ISL29029
Download  ISL29029 Download
File Size   761.68 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt

ISL29029 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29029 Datasheet PDF - Intersil Corporation

Part # ISL29029
Download  ISL29029 Click to download

File Size   761.68 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt

ISL29029 Datasheet (HTML) - Intersil Corporation


ISL29029 Product details

Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes

The ISL29029 is an integrated ambient and infrared light-to-digital converter with a built-in IR LED driver and I2C Interface (SMBus Compatible). This device uses two independent ADCs for concurrently measuring ambient light and proximity in parallel. The flexible interrupt scheme is designed for minimal microcontroller utilization.

Features
• Works Under All Light Sources Including Sunlight
• Dual ADCs Measure ALS/Prox Concurrently
• Intelligent Interrupt Scheme Simplifies μC Code
• 0.5% Typical Nonlinearity

Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• 50Hz/60Hz Flicker Noise and IR Rejection
• Light Sensor Close to Human Eye Response
• Selectable 125/2000 Lux Range

Proximity Sensing
• Proximity Sensor with Broad IR Spectrum
    - Can Use 850nm and 950nm External IR LEDs
• IR LED Driver with I2C Programmable Sink Currents
    - Net 100μs Pulse with 110mA or 220mA Amplitudes
    - Periodic Sleep Time up to 800ms Between Pulses
• Ambient IR Noise Cancellation (Including Sunlight)

Intelligent and Flexible Interrupts
• Independent ALS/PROX Interrupt Thresholds
• Adjustable Interrupt Persistency
    - 1/4/8/16 Consecutive Triggers Required Before Interrupt

Ultra Low Power
• 138μA DC Typical Supply Current for ALS/Prox Sensing
    - 110μA for Sensors and Internal Circuitry
    - 28μA Typical Current for External IR LED (Assuming 220mA
    for 100μs Every 800ms)
• <1.0μA Supply Current When Powered Down

Easy to Use
• Set Registers; Wait for Interrupt
• I2C (SMBus Compatible) Output
• Temperature Compensated
• Tiny ODFN8 2.0x2.1x0.7 (mm) Package

Additional Features
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS compliant)
• I2C Address Selection Pin

Applications
• Display and Keypad Dimming Adjustment and Proximity Sensing for:
    - Mobile Devices: Smart Phone, PDA, GPS
    - Computing Devices: Laptop PC, Netbook
    - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera
• Industrial and Medical Light and Proximity Sensing




Similar Part No. - ISL29029

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
576Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29029IROZ-T7 RENESAS-ISL29029IROZ-T7 Datasheet
825Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Similar Description - ISL29029

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
March 2, 2010
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
February 8, 2011
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
November 18, 2010
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
March 24, 2011
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
March 31, 2011
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com