Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL34340 Datasheet (PDF) - Renesas Technology Corp

ISL34340 Datasheet PDF - Renesas Technology Corp
Part # ISL34340
Download  ISL34340 Download
File Size   609.01 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel

ISL34340 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL34340 Datasheet PDF - Renesas Technology Corp

Part # ISL34340
Download  ISL34340 Click to download

File Size   609.01 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel

ISL34340 Datasheet (HTML) - Renesas Technology Corp


ISL34340 Product details

The ISL34340 is a serializer/deserializer of LVCMOS parallel video data. The video data presented to the serializer on the parallel LVCMOS bus is serialized into a high-speed differential signal. This differential signal is converted back to parallel video at the remote end by the deserializer. It also transports auxiliary data bidirectionally over the same link during the video vertical retrace interval.

Features
• 24-bit RGB transport over single differential pair
• Bidirectional auxiliary data transport without extra bandwidth and over the same differential pair
• 40MHz PCLK transports
    - SVGA 800x600 @ 70fps, 16% blanking
    - WSVGA 1024x600 @ 60fps, 8% blanking
• Internal 100Ω termination on high-speed serial lines
• DC balanced 8b/10b line code allows AC-coupling
    - Provides immunity against ground shifts
• Transmitter amplitude boost and pre-emphasis and receiver equalization allow for longer cable lengths and higher data rates
• Same device for serializer and deserializer simplifies inventory
• I2C interface
• High-speed serial lines meet 8kV ESD rating
• Pb-free (RoHS compliant)

Applications
• Navigation and display systems
• Video entertainment systems
• Industrial computing terminals
• Remote cameras




Similar Part No. - ISL34340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL34340 INTERSIL-ISL34340 Datasheet
183Kb / 10P
WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
March 7, 2008
ISL34340 INTERSIL-ISL34340 Datasheet
350Kb / 10P
WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
June 23, 2008
ISL34340INZ INTERSIL-ISL34340INZ Datasheet
183Kb / 10P
WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
March 7, 2008
ISL34340INZ INTERSIL-ISL34340INZ Datasheet
350Kb / 10P
WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
June 23, 2008
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
June 23, 2008
More results


Similar Description - ISL34340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL34340 INTERSIL-ISL34340 Datasheet
183Kb / 10P
WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
March 7, 2008
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
January 31, 2011
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
June 23, 2008
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com