Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL34341 Datasheet (PDF) - Renesas Technology Corp

ISL34341 Datasheet PDF - Renesas Technology Corp
Part # ISL34341
Download  ISL34341 Download
File Size   616.29 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel

ISL34341 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL34341 Datasheet PDF - Renesas Technology Corp

Part # ISL34341
Download  ISL34341 Click to download

File Size   616.29 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel

ISL34341 Datasheet (HTML) - Renesas Technology Corp


ISL34341 Product details

The ISL34341 is a serializer/deserializer of LVCMOS parallel video data. The video data presented to the serializer on the parallel LVCMOS bus is serialized into a high-speed differential signal. This differential signal is converted back to parallel video at the remote end by the deserializer. It also transports auxiliary data bi-directionally over the same link during the video vertical retrace interval.

Features
• 24-bit RGB transport over single differential pair
• 6MHz to 40MHz pixel clock rates
• Bi-directional auxiliary data transport without extra bandwidth and over the same differential pair
• I2C Bus Mastering to the remote side of the link with a controller on either the serializer or deserializer
• 40MHz PCLK transports
    - SVGA 800x600 @ 70fps, 16% blanking
    - WSVGA 1024x600 @ 60fps, 8% blanking
• Internal 100Ω termination on high-speed serial lines
• DC balanced with industry standard 8b/10b line code allows AC-coupling
    - Provides immunity against ground shifts
• Hot plugging with automatic resynchronization every line
• 16 programmable settings each for transmitter amplitude boost and pre-emphasis and receiver equalization allow for longer cable lengths and higher data rates
• Programmable power-down of the transmitter and the receiver
• Same device for serializer and deserializer simplifies inventory
• I2C communication interface
• 8kV ESD rating for serial lines
• Pb-free (RoHS compliant)

Applications
• Navigation and display systems
• Video entertainment systems
• Industrial computing terminals
• Remote cameras




Similar Part No. - ISL34341

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
190Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
371Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
More results


Similar Description - ISL34341

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL34340 INTERSIL-ISL34340 Datasheet
183Kb / 10P
WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
March 7, 2008
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
January 31, 2011
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
June 23, 2008
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
logo
Renesas Technology Corp
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com