Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL58344 Datasheet (PDF) - Renesas Technology Corp

ISL58344 Datasheet PDF - Renesas Technology Corp
Part # ISL58344
Download  ISL58344 Download
File Size   204.94 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Segment Photo Sensor IC

ISL58344 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL58344 Datasheet PDF - Renesas Technology Corp

Part # ISL58344
Download  ISL58344 Click to download

File Size   204.94 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Segment Photo Sensor IC

ISL58344 Datasheet (HTML) - Renesas Technology Corp


ISL58344 Product details

Quad Segment Photo Sensor IC

The ISL58344 photo sensor IC has a wide optical spectral sensitivity from 400nm to 1000nm. It is good for multiple light source applications, such as laser base projectors. The three sets of gain registers can be used to adjust optical-to-electrical conversion gain for each RED (R), GREEN (G), and BLUE (B) laser or any wavelength in the spectral range for the application. The ISL58344 is a single die device that has four identical photo detectors arranged in segments that are optimized for laser beam spot alignment. Quad segments can be used as a single photo diode for optical power calibration and gamma correction. The detectors can also be split into two sections with subtraction signal output for laser beam position alignment. Beam detection can also be used to compensate for MEMS scanning projector geometric distortions and temperature distortions. Registers can be updated in real time while device is in operation.

Features
• Sensitive from 400nm to 1000nm with Patented Technology for Improved Blue Photo Response
• Differential Voltage Output
• Internal Output Reference or External Output Reference
• Single +3.3V Power Supply
• Serial Interface for Gain Calibration
• Fast Settling Time <20ns
• Wide Signal Bandwidth >50MHz
• Wide Signal Gain Dynamic Range >25dB
• Sleep Mode for Conserving Power
• Quad PD Segments Provide Laser Beam Offset for Beam Realignment Capability
• White Balance for LCoS and MEMS Systems
• Small 9-ball Optical Chip Scale Package (OCSP) (2.2mmx2.2mm)
• Glass Top Package Compatible with Near UV and Blue LDs
• Intersil 3-wire SPI Interface

Applications
• Optical Power Monitoring
• Laser Based/LED Based Pico-Projectors
• Laser Based/LED Based Projection TV




Similar Part No. - ISL58344

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL58344 INTERSIL-ISL58344 Datasheet
171Kb / 2P
Quad Segment Photo Sensor IC Single 3.3V Power Supply
March 11, 2011
More results


Similar Description - ISL58344

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLI700 CLAIREX-CLI700 Datasheet
109Kb / 1P
IRED - Photo-IC Reflective Object Sensor
logo
KODENSHI_AUK CORP.
PIC0103SD KODENSHI-PIC0103SD Datasheet
171Kb / 2P
Photo IC
logo
Intersil Corporation
ISL58344 INTERSIL-ISL58344 Datasheet
171Kb / 2P
Quad Segment Photo Sensor IC Single 3.3V Power Supply
March 11, 2011
logo
Sanyo Semicon Device
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
For Ultra-small illumination Sensor Photo IC
LV0111CF SANYO-LV0111CF Datasheet
184Kb / 6P
For Micro-sized illumination Sensor Photo IC
logo
Panasonic Semiconductor
AMS302T PANASONIC-AMS302T Datasheet
215Kb / 6P
Photo IC type high sensitive light sensor
logo
ON Semiconductor
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
LV0111CF ONSEMI-LV0111CF Datasheet
148Kb / 7P
Photo IC for Micro-sized illumination Sensor
August, 2013
logo
RHOPOINT COMPONENTS
OT150D RHOPOINT-OT150D Datasheet
113Kb / 1P
Photo IC Switch Sensor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com