Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL58344 Datasheet (PDF) - Intersil Corporation

ISL58344 Datasheet PDF - Intersil Corporation
Part # ISL58344
Download  ISL58344 Download
File Size   171.01 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Segment Photo Sensor IC Single 3.3V Power Supply

ISL58344 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL58344 Datasheet PDF - Intersil Corporation

Part # ISL58344
Download  ISL58344 Click to download

File Size   171.01 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Segment Photo Sensor IC Single 3.3V Power Supply

ISL58344 Datasheet (HTML) - Intersil Corporation


ISL58344 Product details

Quad Segment Photo Sensor IC

The ISL58344 photo sensor IC has a wide optical spectral sensitivity from 400nm to 1000nm. It is good for multiple light source applications, such as laser base projectors. The three sets of gain registers can be used to adjust optical-to-electrical conversion gain for each RED (R), GREEN (G), and BLUE (B) laser or any wavelength in the spectral range for the application. The ISL58344 is a single die device that has four identical photo detectors arranged in segments that are optimized for laser beam spot alignment. Quad segments can be used as a single photo diode for optical power calibration and gamma correction. The detectors can also be split into two sections with subtraction signal output for laser beam position alignment. Beam detection can also be used to compensate for MEMS scanning projector geometric distortions and temperature distortions. Registers can be updated in real time while device is in operation.

Features
• Sensitive from 400nm to 1000nm with Patented Technology for Improved Blue Photo Response
• Differential Voltage Output
• Internal Output Reference or External Output Reference
• Single +3.3V Power Supply
• Serial Interface for Gain Calibration
• Fast Settling Time <20ns
• Wide Signal Bandwidth >50MHz
• Wide Signal Gain Dynamic Range >25dB
• Sleep Mode for Conserving Power
• Quad PD Segments Provide Laser Beam Offset for Beam Realignment Capability
• White Balance for LCoS and MEMS Systems
• Small 9-ball Optical Chip Scale Package (OCSP) (2.2mmx2.2mm)
• Glass Top Package Compatible with Near UV and Blue LDs
• Intersil 3-wire SPI Interface

Applications
• Optical Power Monitoring
• Laser Based/LED Based Pico-Projectors
• Laser Based/LED Based Projection TV




Similar Part No. - ISL58344

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58344 RENESAS-ISL58344 Datasheet
204Kb / 2P
Quad Segment Photo Sensor IC
More results


Similar Description - ISL58344

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
logo
Sanyo Semicon Device
LV59033M SANYO-LV59033M Datasheet
783Kb / 7P
3.3V Constant-Voltage Power Supply IC
logo
Clairex Technologies, I...
CLI700 CLAIREX-CLI700 Datasheet
109Kb / 1P
IRED - Photo-IC Reflective Object Sensor
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
logo
Sanyo Semicon Device
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
3.3V Constant-Voltage Power Supply IC
logo
RHOPOINT COMPONENTS
OT150D RHOPOINT-OT150D Datasheet
113Kb / 1P
Photo IC Switch Sensor
logo
Renesas Technology Corp
ISL58344 RENESAS-ISL58344 Datasheet
204Kb / 2P
Quad Segment Photo Sensor IC
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
logo
Maxim Integrated Produc...
MAX3273EVKIT MAXIM-MAX3273EVKIT Datasheet
689Kb / 11P
Single 3.3V Power-Supply Operation
Rev 0; 9/01
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com