Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4330X Datasheet (PDF) - NXP Semiconductors

PBSS4330X Datasheet PDF - NXP Semiconductors
Part # PBSS4330X
Download  PBSS4330X Download
File Size   104.61 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 30 V, 3 A NPN low VCEsat (BISS) transistor

PBSS4330X Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4330X Datasheet PDF - NXP Semiconductors

Part # PBSS4330X
Download  PBSS4330X Click to download

File Size   104.61 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 30 V, 3 A NPN low VCEsat (BISS) transistor

PBSS4330X Datasheet (HTML) - NXP Semiconductors


PBSS4330X Product details

DESCRIPTION
NPN low VCEsat transistor in a SOT89 plastic package.

FEATURES
• SOT89 (SC-62) package
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• Higher efficiency leading to less heat generation
• Reduced printed-circuit board requirements.

APPLICATIONS
• Power management
   – DC/DC converters
   – Supply line switching
   – Battery charger
   – LCD backlighting.
• Peripheral drivers
   – Driver in low supply voltage applications
      (e.g. lamps and LEDs)
   – Inductive load driver (e.g. relays, buzzers
      and motors).




Similar Part No. - PBSS4330X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4330X PHILIPS-PBSS4330X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS4330X NEXPERIA-PBSS4330X Datasheet
421Kb / 13P
NPN low VCEsat (BISS) transistor
2004 Dec 06
logo
NXP Semiconductors
PBSS4330X PHILIPS-PBSS4330X_15 Datasheet
194Kb / 12P
NPN low VCEsat (BISS) transistor 30 V, 3 A
2004 Dec 06
More results


Similar Description - PBSS4330X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS303NZ NXP-PBSS303NZ Datasheet
172Kb / 14P
30 V, 5.5 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS4130QA NXP-PBSS4130QA Datasheet
265Kb / 17P
30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
PBSS4330PA PHILIPS-PBSS4330PA Datasheet
165Kb / 15P
30 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 01-19 April 2010
PBSS4330PA PHILIPS-PBSS4330PA_15 Datasheet
221Kb / 16P
30 V, 3 A NPN low VCEsat (BISS) transistor
7 April 2015
PBSS4330PAS PHILIPS-PBSS4330PAS_15 Datasheet
253Kb / 18P
30 V, 3 A NPN low VCEsat (BISS) transistor
11 September 2014
PBSS4330X PHILIPS-PBSS4330X_15 Datasheet
194Kb / 12P
NPN low VCEsat (BISS) transistor 30 V, 3 A
2004 Dec 06
logo
Nexperia B.V. All right...
PBSS4330PAS NEXPERIA-PBSS4330PAS Datasheet
734Kb / 18P
30 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4032ND NEXPERIA-PBSS4032ND Datasheet
272Kb / 15P
30 V, 3.5 A NPN low VCEsat (BISS) transistor
Rev. 01 - 30 January 2010
PBSS4130T NEXPERIA-PBSS4130T Datasheet
169Kb / 8P
30 V, 1 A NPN low VCEsat (BISS) transistor
PBSS4330PA NEXPERIA-PBSS4330PA Datasheet
707Kb / 16P
30 V, 3 A NPN low VCEsat (BISS) transistor
7 April 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com