Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4330PA Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS4330PA Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS4330PA
Download  PBSS4330PA Download
File Size   707.43 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 3 A NPN low VCEsat (BISS) transistor

PBSS4330PA Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4330PA Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS4330PA
Download  PBSS4330PA Click to download

File Size   707.43 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 3 A NPN low VCEsat (BISS) transistor

PBSS4330PA Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS4330PA Product details

1. General description
NPN low VCEsat Breakthrough In Small Signal (BISS) transistor, encapsulated in an
ultra thin SOT1061 leadless small Surface-Mounted Device (SMD) plastic package with
medium power capability.
PNP complement: PBSS5330PA.

2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability IC and ICM
• Smaller required Printed-Circuit Board (PCB) area than for conventional transistors
• Exposed heat sink for excellent thermal and electrical conductivity
• Leadless small SMD plastic package with medium power capability

3. Applications
• Loadswitch
• Battery-driven devices
• Power management
• Charging circuits
• Power switches (e.g. motors, fans)




Similar Part No. - PBSS4330PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4330PA PHILIPS-PBSS4330PA Datasheet
165Kb / 15P
30 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 01-19 April 2010
logo
Nexperia B.V. All right...
PBSS4330PAS NEXPERIA-PBSS4330PAS Datasheet
734Kb / 18P
30 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4330PAS-Q NEXPERIA-PBSS4330PAS-Q Datasheet
294Kb / 15P
30 V, 3 A NPN low VCEsat transistor
29 July 2022
logo
NXP Semiconductors
PBSS4330PAS PHILIPS-PBSS4330PAS_15 Datasheet
253Kb / 18P
30 V, 3 A NPN low VCEsat (BISS) transistor
11 September 2014
PBSS4330PA PHILIPS-PBSS4330PA_15 Datasheet
221Kb / 16P
30 V, 3 A NPN low VCEsat (BISS) transistor
7 April 2015
More results


Similar Description - PBSS4330PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4330X PHILIPS-PBSS4330X Datasheet
104Kb / 12P
30 V, 3 A NPN low VCEsat (BISS) transistor
2004 Dec 06
PBSS303NZ NXP-PBSS303NZ Datasheet
172Kb / 14P
30 V, 5.5 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS4130QA NXP-PBSS4130QA Datasheet
265Kb / 17P
30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
PBSS4330PA PHILIPS-PBSS4330PA Datasheet
165Kb / 15P
30 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 01-19 April 2010
PBSS4330PA PHILIPS-PBSS4330PA_15 Datasheet
221Kb / 16P
30 V, 3 A NPN low VCEsat (BISS) transistor
7 April 2015
PBSS4330PAS PHILIPS-PBSS4330PAS_15 Datasheet
253Kb / 18P
30 V, 3 A NPN low VCEsat (BISS) transistor
11 September 2014
PBSS4330X PHILIPS-PBSS4330X_15 Datasheet
194Kb / 12P
NPN low VCEsat (BISS) transistor 30 V, 3 A
2004 Dec 06
logo
Nexperia B.V. All right...
PBSS4330PAS NEXPERIA-PBSS4330PAS Datasheet
734Kb / 18P
30 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4032ND NEXPERIA-PBSS4032ND Datasheet
272Kb / 15P
30 V, 3.5 A NPN low VCEsat (BISS) transistor
Rev. 01 - 30 January 2010
PBSS4130T NEXPERIA-PBSS4130T Datasheet
169Kb / 8P
30 V, 1 A NPN low VCEsat (BISS) transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com