Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9545APW Datasheet (PDF) - NXP Semiconductors

PCA9545APW Datasheet PDF - NXP Semiconductors
Part # PCA9545APW
Download  PCA9545APW Download
File Size   155.61 Kbytes
Page   27 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-channel I2C switch with interrupt logic and reset

PCA9545APW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9545APW Datasheet PDF - NXP Semiconductors

Part # PCA9545APW
Download  PCA9545APW Click to download

File Size   155.61 Kbytes
Page   27 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-channel I2C switch with interrupt logic and reset

PCA9545APW Datasheet (HTML) - NXP Semiconductors


PCA9545APW Product details

General description
The PCA9545A is a quad bi-directional translating switch controlled via the I2C-bus. The SCL/SDA upstream pair fans out to four downstream pairs, or channels. Any individual SCx/SDx channel or combination of channels can be selected, determined by the contents of the programmable control register. Four interrupt inputs, INT0 to INT3, one for each of the downstream pairs, are provided. One interrupt output, INT, acts as an AND of the four interrupt inputs.
An active LOW reset input allows the PCA9545A to recover from a situation where one of the downstream I2C-buses is stuck in a LOW state. Pulling the RESET pin LOW resets the I2C-bus state machine and causes all the channels to be deselected as does the internal Power-on reset function.
The pass gates of the switches are constructed such that the VDD pin can be used to limit the maximum high voltage which will be passed by the PCA9545A. This allows the use of different bus voltages on each pair, so that 1.8 V or 2.5 V or 3.3 V parts can communicate with 5 V parts without any additional protection. External pull-up resistors pull the bus up to the desired voltage level for each channel. All I/O pins are 5 V tolerant.

Features
■ 1-of-4 bi-directional translating switches
■ I2C-bus interface logic; compatible with SMBus standards
■ 4 active LOW interrupt inputs
■ Active LOW interrupt output
■ Active LOW reset input
■ 2 address pins allowing up to 4 devices on the I2C-bus
■ Channel selection via I2C-bus, in any combination
■ Power-up with all switch channels deselected
■ Low Ron switches
■ Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
■ No glitch on power-up
■ Supports hot insertion
■ Low stand-by current
■ Operating power supply voltage range of 2.3 V to 5.5 V
■ 5 V tolerant Inputs
■ 0 kHz to 400 kHz clock frequency
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
   JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up protection exceeds 100 mA per JESD78
■ Three packages offered: SO20, TSSOP20, and HVQFN20




Similar Part No. - PCA9545APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9545APW TI-PCA9545APW Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
logo
NXP Semiconductors
PCA9545APW NXP-PCA9545APW Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9545APW TI1-PCA9545APW Datasheet
1Mb / 37P
Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9545APW NXP-PCA9545APW Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9545APW112 NXP-PCA9545APW112 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results


Similar Description - PCA9545APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com