Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9543A Datasheet (PDF) - NXP Semiconductors

PCA9543A Datasheet PDF - NXP Semiconductors
Part # PCA9543A
Download  PCA9543A Download
File Size   131.04 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus switch with interrupt logic and reset

PCA9543A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9543A Datasheet PDF - NXP Semiconductors

Part # PCA9543A
Download  PCA9543A Click to download

File Size   131.04 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus switch with interrupt logic and reset

PCA9543A Datasheet (HTML) - NXP Semiconductors


PCA9543A Product details

General description
The PCA9543A/43B/43C is a bidirectional translating switch, controlled by the I2C-bus.
The SCL/SDA upstream pair fans out to two downstream pairs, or channels.
   
Features
■ 1-of-2 bidirectional translating switches
■ I2C-bus interface logic; compatible with SMBus standards
■ 2 active LOW interrupt inputs
■ Active LOW interrupt output
■ Active LOW reset input
■ 2 address pins allowing up to 4 devices on the I2C-bus
■ Alternate address versions A, B and C allow up to a total of 12 devices on the bus for
    larger systems or to resolve address conflicts
■ Channel selection via I2C-bus, in any combination
■ Power-up with all switch channels deselected
■ Low Ron switches
■ Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
■ No glitch on power-up
■ Supports hot insertion
■ Low standby current
■ Operating power supply voltage range of 2.3 V to 5.5 V
■ 5 V tolerant inputs
■ 0 Hz to 400 kHz clock frequency
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
    JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Packages offered: SO14, TSSOP14
   




Similar Part No. - PCA9543A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543A NXP-PCA9543A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9543AD TI-PCA9543AD Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543AD NXP-PCA9543AD Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
More results


Similar Description - PCA9543A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com