Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9542A Datasheet (PDF) - NXP Semiconductors

PCA9542A Datasheet PDF - NXP Semiconductors
Part # PCA9542A
Download  PCA9542A Download
File Size   130.4 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus multiplexer and interrupt logic

PCA9542A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9542A Datasheet PDF - NXP Semiconductors

Part # PCA9542A
Download  PCA9542A Click to download

File Size   130.4 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus multiplexer and interrupt logic

PCA9542A Datasheet (HTML) - NXP Semiconductors


PCA9542A Product details

General description

The PCA9542A is a 1-of-2 bidirectional translating multiplexer, controlled via the I2C-bus. The SCL/SDA upstream pair fans out to two SCx/SDx downstream pairs, or channels. Only one SCx/SDx channel is selected at a time, determined by the contents of the programmable control register. Two interrupt inputs, INT0 and INT1, one for each of the SCx/SDx downstream pairs, are provided. One interrupt output, INT, which acts as an AND of the two interrupt inputs, is provided.



Features

■ 1-of-2 bidirectional translating multiplexer

■ I2C-bus interface logic; compatible with SMBus

■ 2 active LOW interrupt inputs (INT0, INT1)

■ Active LOW interrupt output (INT)

■ 3 address pins allowing up to 8 devices on the I2C-bus

■ Channel selection via I2C-bus

■ Powers up with all multiplexer channels deselected

■ Low Ron switches

■ Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses

■ No glitch on power-up

■ Supports hot insertion

■ Low standby current

■ Operating power supply voltage range of 2.3 V to 5.5 V

■ 5 V tolerant inputs

■ 0 Hz to 400 kHz clock frequency

■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

■ Packages offered: SO14, TSSOP14




Similar Part No. - PCA9542A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9542A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9542 PHILIPS-PCA9542 Datasheet
74Kb / 10P
2-channel I2C multiplexer and interrupt controller
1999 Oct 07
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
4-channel I2C multiplexer and interrupt controller
1999 Oct 07
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com