Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9540B Datasheet (PDF) - NXP Semiconductors

PCA9540B Datasheet PDF - NXP Semiconductors
Part # PCA9540B
Download  PCA9540B Download
File Size   128.7 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus multiplexer

PCA9540B Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9540B Datasheet PDF - NXP Semiconductors

Part # PCA9540B
Download  PCA9540B Click to download

File Size   128.7 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus multiplexer

PCA9540B Datasheet (HTML) - NXP Semiconductors


PCA9540B Product details

General description

The PCA9540B is a 1-of-2 bidirectional translating multiplexer, controlled via the I2C-bus. The SCL/SDA upstream pair fans out to two SCx/SDx downstream pairs, or channels. Only one SCx/SDx channel is selected at a time, determined by the contents of the programmable control register.



Features

1-of-2 bidirectional translating multiplexer

I2C-bus interface logic; compatible with SMBus standards

Channel selection via I2C-bus

Power up with all multiplexer channels deselected

Low Ronswitches

Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses

No glitch on power-up

Supports hot insertion

Low standby current

Operating power supply voltage range of 2.3 V to 5.5 V

5 V tolerant inputs

0 Hz to 400 kHz clock frequency

ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD2-A115 and 1000 V CDM per JESD22-C101

Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

Packages offered: SO8, TSSOP8, XSON8U




Similar Part No. - PCA9540B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540B PHILIPS-PCA9540B Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
PCA9540B NXP-PCA9540B Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
PCA9540BD PHILIPS-PCA9540BD Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
PCA9540BDP PHILIPS-PCA9540BDP Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
More results


Similar Description - PCA9540B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
2-channel I2C multiplexer
1999 Dec 15
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
4 Channel I2C bus Multiplexer
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
8 Channel I2C bus multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com